Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD0504 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DGD0504
Description  HALF-BRIDGE GATE DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0504 Datasheet(HTML) 1 Page - Diodes Incorporated

  DGD0504 Datasheet HTML 1Page - Diodes Incorporated DGD0504 Datasheet HTML 2Page - Diodes Incorporated DGD0504 Datasheet HTML 3Page - Diodes Incorporated DGD0504 Datasheet HTML 4Page - Diodes Incorporated DGD0504 Datasheet HTML 5Page - Diodes Incorporated DGD0504 Datasheet HTML 6Page - Diodes Incorporated DGD0504 Datasheet HTML 7Page - Diodes Incorporated DGD0504 Datasheet HTML 8Page - Diodes Incorporated DGD0504 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DGD0504
Document Number DS38668 Rev. 2 - 2
1 of 11
www.diodes.com
March 2017
© Diodes Incorporated
DGD0504
HALF-BRIDGE GATE DRIVER IN W-DFN3030-10 (Type TH)
Description
The DGD0504 is a high-voltage, high-speed gate driver capable of
driving N-channel MOSFETs and IGBTs in a half-bridge configuration.
High-voltage processing techniques enable the DGD0504
’s high-side
to switch to 100V in a bootstrap operation.
The DGD0504 logic inputs are compatible with standard TTL and
CMOS levels (down to 3.3V) to interface easily with controlling
devices. The driver outputs feature high-pulse current buffers
designed for minimum driver cross conduction. DGD0504 has a fixed
internal deadtime of 430ns (typical).
The DGD0504 is offered in the W-DFN3030-10 (Type TH) package
and operates over an extended -40°C to +125°C temperature range.
Applications
DC-DC Converters
DC-AC Inverters
AC-DC Power Supplies
Motor Controls
Class D Power Amplifiers
Features
Floating High-Side Driver in Bootstrap Operation to 100V
Drives Two N-Channel MOSFETs or IGBTs in a Half-Bridge
Configuration
290mA Source/600mA Sink Output Current Capability
Outputs Tolerant to Negative Transients
Internal Dead Time of 430ns to Protect MOSFETs
Wide Low-Side Gate Driver Supply Voltage: 10V to 20V
Logic Input (IN and SD*) 3.3V Capability
Schmitt Triggered Logic Inputs
Undervoltage Lockout for VCC (Logic and Low Side Supply)
Extended Temperature Range: -40°C to +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony free.
“Green” Device (Note 3)
Mechanical Data
Case: W-DFN3030-10 (Type TH)
Case Material: Molded Plastic
. “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 3 per J-STD-020
Terminals: Finish
– Matte Tin Finish
Solderable per MIL-STD-202, Method 208
Weight: 0.017 grams (Approximate)
Ordering Information (Note 4)
Part Number
Marking
Reel Size (inches)
Tape Width (mm)
Quantity Per Reel
DGD0504FN-7
DGD0504
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
W-DFN3030-10 (Type TH)
Typical Configuration
YYWW
DGD0504
DGD0504 = Product Type Marking Code
YY = Year (ex: 17 = 2017)
WW = Week (01 to 53)
Top View
Bottom View
e3


Similar Part No. - DGD0504

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD0504 DIODES-DGD0504 Datasheet
716Kb / 11P
100V HALF-BRIDGE GATE DRIVER IN W-DFN3030-10
Rev. 3 - 2 August 2022
DGD0504FN-7 DIODES-DGD0504FN-7 Datasheet
716Kb / 11P
100V HALF-BRIDGE GATE DRIVER IN W-DFN3030-10
Rev. 3 - 2 August 2022
DGD0504 DIODES-DGD0504_V01 Datasheet
716Kb / 11P
100V HALF-BRIDGE GATE DRIVER IN W-DFN3030-10
Rev. 3 - 2 August 2022
More results

Similar Description - DGD0504

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380_07 Datasheet
438Kb / 13P
Half-Bridge Gate Driver
logo
STMicroelectronics
L6393 STMICROELECTRONICS-L6393 Datasheet
462Kb / 20P
Half-bridge gate driver
18-Mar-2008
L6393DTR STMICROELECTRONICS-L6393DTR Datasheet
390Kb / 19P
Half-bridge gate driver
11-Aug-2010
logo
ON Semiconductor
FAN7080-GF085 ONSEMI-FAN7080-GF085 Datasheet
391Kb / 17P
Half Bridge Gate Driver
September-2017, Rev.2
FAN7380 ONSEMI-FAN7380 Datasheet
651Kb / 12P
Half-Bridge Gate Driver
October-2017, Rev. 3
FL73282 ONSEMI-FL73282 Datasheet
430Kb / 16P
Half-Bridge Gate Driver
September 2015 Rev.1.0
logo
Diodes Incorporated
DGD2003 DIODES-DGD2003 Datasheet
688Kb / 11P
HALF-BRIDGE GATE DRIVER
Rev 2
DGD2104M DIODES-DGD2104M Datasheet
789Kb / 11P
HALF-BRIDGE GATE DRIVER
Rev 2
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
HALF BRIDGE GATE DRIVER
Rev 1
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
HALF-BRIDGE GATE DRIVER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com