Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F5EB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # F5EB
Description  F5EB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

F5EB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  F5EB Datasheet HTML 1Page - List of Unclassifed Manufacturers F5EB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
May 16, 2003
Version 1.1
2.0 x 1.6mm package F5EB / F6EB
Recommended footprint pattern
2.0 x 1.6mm package F5EB / F6EB
Recommended footprint pattern
Unit: mm
External appearance of chip carrier
2.0+/-0.1
0.375
0.375
0.4
0.813
0.813



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com