Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6EB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # F6EB
Description  F5EB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

F6EB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  F6EB Datasheet HTML 1Page - List of Unclassifed Manufacturers F6EB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
March 22, 2004
Version 1.2
2.0 x 1.6mm package F5EB / F6EB
Dimensions & Pin Configuration
2.0 x 1.6mm package F5EB / F6EB
Dimensions & Pin Configuration
Unit : mm
Pin No.
1
2
3
4
5
Pin name
IN or OUT
GND
OUT or IN
OUT or IN
GND
Description
Unbalance pin
Ground pin
Balance pin
Balance pin
Ground pin
<2>
<3>
<4>
<5>
<1>
<1>
<2>
<3>
<4>
<5>
index


Similar Part No. - F6EB

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
F6E3 EDAL-F6E3 Datasheet
839Kb / 2P
Silicon Power Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com