Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W255HT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # W255HT
Description  200-MPz 24-Output Buffer for 4DDR or 3 SDRAM DIMMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W255HT Datasheet(HTML) 3 Page - Cypress Semiconductor

  W255HT Datasheet HTML 1Page - Cypress Semiconductor W255HT Datasheet HTML 2Page - Cypress Semiconductor W255HT Datasheet HTML 3Page - Cypress Semiconductor W255HT Datasheet HTML 4Page - Cypress Semiconductor W255HT Datasheet HTML 5Page - Cypress Semiconductor W255HT Datasheet HTML 6Page - Cypress Semiconductor W255HT Datasheet HTML 7Page - Cypress Semiconductor W255HT Datasheet HTML 8Page - Cypress Semiconductor W255HT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
W255
Document #: 38-07255 Rev. *C
Page 3 of 10
Serial Configuration Map
• The serial bits will be read by the clock driver in the following
order:
Byte 0 - Bits 7, 6, 5, 4, 3, 2, 1, 0
Byte 1 - Bits 7, 6, 5, 4, 3, 2, 1, 0
.
.
Byte N - Bits 7, 6, 5, 4, 3, 2, 1, 0
• Reserved and unused bits should be programmed to “0.”
• SMBus Address for the W255 is:
A6
A5
A4
A3
A2
A1
A0
R/W
1101001
----
Byte 6: Outputs Active/Inactive Register
(1 = Active, 0 = Inactive), Default = Active
Bit
Pin #
Description
Default
Bit 7
Reserved, drive to 0
0
Bit 6
Reserved, drive to 0
0
Bit 5
Reserved, drive to 0
0
Bit 4
1
FBOUT
1
Bit 3
45,44
DDR11T, DDR11C
1
Bit 2
43, 42 DDR10T, DDR10C
1
Bit 1
39, 38 DDR9T, DDR9C
1
Bit 0
34, 33 DDR8T, DDR8C
1
Byte 7: Outputs Active/Inactive Register
(1 = Active, 0 = Inactive), Default = Active
Bit
Pin #
Description
Default
Bit 7
30, 29
DDR7T, DDR7C
1
Bit 6
28, 27
DDR6T, DDR6C
1
Bit 5
21, 22
DDR5T_SDRAM8,
DDR5C_SDRAM9
1
Bit 4
19, 20
DDR4T_SDRAM6,
DDR4C_SDRAM7
1
Bit 3
15,16
DDR3T_SDRAM4,
DDR3C_SDRAM5
1
Bit 2
10, 11
DDR2T_SDRAM2,
DDR2C_SDRAM3
1
Bit 1
6, 7
DDR1T_SDRAM0,
DDR1C_SDRAM1
1
Bit 0
4, 5
DDR0T_SDRAM10,
DDR0C_SDRAM11
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com