Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC07AD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC07AD
Description  HEX BUFFERS DRIVERS WITH OPEN-DRAIN OUTPUTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC07AD Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC07AD Datasheet HTML 1Page - Texas Instruments SN74LVC07AD Datasheet HTML 2Page - Texas Instruments SN74LVC07AD Datasheet HTML 3Page - Texas Instruments SN74LVC07AD Datasheet HTML 4Page - Texas Instruments SN74LVC07AD Datasheet HTML 5Page - Texas Instruments SN74LVC07AD Datasheet HTML 6Page - Texas Instruments SN74LVC07AD Datasheet HTML 7Page - Texas Instruments SN74LVC07AD Datasheet HTML 8Page - Texas Instruments SN74LVC07AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
SN74LVC07A
HEX BUFFERS/DRIVERS
WITH OPEN-DRAIN OUTPUTS
SCAS595P – OCTOBER 1997 – REVISED JANUARY 2007
• Operate From 1.65 V to 5 V
• Max t
pd of 2.6 ns at 5 V
• Inputs and Open-Drain Outputs Accept
• Latch-Up Performance Exceeds 250 mA Per
Voltages up to 5.5 V
JESD 17
These hex buffers/drivers are designed for 1.65-V to 5.5-V VCC operation.
The outputs of the SN74LVC07A devices are open drain and can be connected to other open-drain outputs to
implement active-low wired-OR or active-high wired-AND functions. The maximum sink current is 24 mA.
Inputs can be driven from 1.8-V, 2.5-V, 3.3-V (LVTTL), or 5-V (CMOS) devices. This feature allows the use of
these devices as translators in a mixed-system environment.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGY
Reel of 1000
SN74LVC07ARGYR
LC07A
Tube of 50
SN74LVC07AD
SOIC – D
Reel of 2500
SN74LVC07ADR
LVC07A
Reel of 250
SN74LVC07ADT
SOP – NS
Reel of 2000
SN74LVC07ANSR
LVC07A
–40
°C to 85°C
SSOP – DB
Reel of 2000
SN74LVC07ADBR
LC07A
Tube of 90
SN74LVC07APW
TSSOP – PW
Reel of 2000
SN74LVC07APWR
LC07A
Reel of 250
SN74LVC07APWT
TVSOP – DGV
Reel of 2000
SN74LVC07ADGVR
LC07A
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC07AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC07AD TI-SN74LVC07AD Datasheet
395Kb / 17P
HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LVC07AD TI-SN74LVC07AD Datasheet
733Kb / 21P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07AD TI-SN74LVC07AD Datasheet
841Kb / 23P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07AD TI1-SN74LVC07AD Datasheet
1Mb / 30P
Hex Buffer/Driver With Open-Drain Outputs
SN74LVC07AD TI2-SN74LVC07AD Datasheet
1Mb / 38P
SN74LVC07A Hex Buffer and Driver With Open-Drain Outputs
REVISED OCTOBER 2016
More results

Similar Description - SN74LVC07AD

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV07A HITACHI-HD74LV07A Datasheet
45Kb / 11P
Hex Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN54LV07A TI-SN54LV07A Datasheet
314Kb / 11P
HEX BUFFERS / DRIVERS WITH OPEN - DRAIN OUTPUTS
SN54LVC07A TI-SN54LVC07A Datasheet
395Kb / 17P
HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A_06 Datasheet
316Kb / 13P
HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV07A RENESAS-HD74LV07A Datasheet
94Kb / 8P
Hex Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN54LV07A TI-SN54LV07A_10 Datasheet
463Kb / 15P
HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A_101 TI-SN54LV07A_101 Datasheet
462Kb / 15P
HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Unisonic Technologies
U74LVC06A UTC-U74LVC06A Datasheet
162Kb / 5P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV07A RENESAS-HD74LV07A_15 Datasheet
126Kb / 10P
Hex Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN74LV07A TI1-SN74LV07A Datasheet
973Kb / 22P
Hex Buffers/Drivers With Open-Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com