Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND8028 Datasheet(PDF) 2 Page - ON Semiconductor

Part # AND8028
Description  Precision Sub-One Volt 1.7 Ampere Output LDO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8028 Datasheet(HTML) 2 Page - ON Semiconductor

  AND8028 Datasheet HTML 1Page - ON Semiconductor AND8028 Datasheet HTML 2Page - ON Semiconductor AND8028 Datasheet HTML 3Page - ON Semiconductor AND8028 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AND8028/D
http://onsemi.com
2
Vout
Vin
R1
1.5 k
R2
4.3 k
R4
10
R3
18
R6
1 k
C2
100
m
C1
100
m
C3
1
m
Q2 MBT3904
D1
MRA4003T3
R5
300
NCP100
U1
Q1 MBT35200MT1
C4
1 n
Figure 1. Circuit Schematic for 0.9 Volt 1.7 Ampere LDO
RESULTS
Utilizing the circuit in Figure 1, layout in Figure 3 and
values in Table 1, the output voltage varies 40 millivolts
between 1.5 volts to 3.0 volts and 0 amperes to 1.7 amperes
for an output voltage centered at 0.945 volts, which equates
to a +/– 2.5 % variation for load and line. The voltage droop
due to load transient is small as seen in Figure 2. If R1 is
varied to change the output voltage to 1.8 volts, the
minimum drop out voltage is 34 millivolts under light load
conditions and 230 millivolts for 1.7 amperes. The
minimum input voltage to operate of the circuit in Figure 1
is 1.42 volts for 1.7 amperes and 1.37 volts for 0.5 amperes.
As discussed previously, the operating range of this circuit
can vary depending upon R3.
Vout: 200 mV/div
Iout: 0.5 A/div
Time Scale: 100 us/div
Figure 2. Load Transient for 1.8 Volts In and Load
from 0.5 Amperes to 1.5 Amperes



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com