Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLR2512H Datasheet(PDF) 2 Page - Protek Devices

Part # PLR2512H
Description  ULTRA LOW CAPACITANCE TVS ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLR2512H Datasheet(HTML) 2 Page - Protek Devices

  PLR2512H Datasheet HTML 1Page - Protek Devices PLR2512H Datasheet HTML 2Page - Protek Devices PLR2512H Datasheet HTML 3Page - Protek Devices PLR2512H Datasheet HTML 4Page - Protek Devices PLR2512H Datasheet HTML 5Page - Protek Devices PLR2512H Datasheet HTML 6Page - Protek Devices PLR2512H Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Only One Name Means ProTek’Tion™
05592.R1 12/18
Page 2
PLR2512H
ISO 9001: 2015 CERTIFIED
TYPICAL DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
PARAMETER
SYMBOL
VALUE
UNITS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
100
Watts
Peak Pulse Current (tp = 8/20µs)
I
PP
12
Amps
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
DEVICE
MARKING
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
MINIMUM
BREAKDOWN
VOLTAGE
@ 2µA
V
(BR)
VOLTS
MAXIMUM
BREAKDOWN
VOLTAGE
@ 2µA
V
(BR)
VOLTS
MINIMUM
SNAPBACK
VOLTAGE
I
SB @ 50mA
V
SB
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
@ I
P = 10A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
@ I
P = 1A
V
C
VOLTS
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
TYPICAL
CAPACITANCE
@2.5V, 1MHz
C
pF
PLR2512
512H
2.5
2.7
4.6
2.8
8.0
4.8
0.05
3.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com