Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMF13AL Datasheet(PDF) 3 Page - Protek Devices

Part # PSMF13AL
Description  400 WATT TVS COMPONENT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSMF13AL Datasheet(HTML) 3 Page - Protek Devices

  PSMF13AL Datasheet HTML 1Page - Protek Devices PSMF13AL Datasheet HTML 2Page - Protek Devices PSMF13AL Datasheet HTML 3Page - Protek Devices PSMF13AL Datasheet HTML 4Page - Protek Devices PSMF13AL Datasheet HTML 5Page - Protek Devices PSMF13AL Datasheet HTML 6Page - Protek Devices PSMF13AL Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Only One Name Means ProTek’Tion™
05600.R0 1/19
Page 3
PSMFxxAL Series
ISO 9001: 2015 CERTIFIED
TYPICAL DEVICE CHARACTERISTICS
RTCA DO-160G COMPLIANT PRODUCT
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
DEVICE
MARKING
REVERSE
STAND-OFF
VOLTAGE
V
RWM
VOLTS
BREAKDOWN
VOLTAGE
V
(BR) @ IT
VOLTS
TEST
CURRENT
@ I
T
mA
MAXIMUM
CLAMPING
VOLTAGE
(Fig. 2)
@ I
P
V
C
VOLTS
MAXIMUM
REVERSE
SURGE
CURRENT
@I
PP
AMPS
MAXIMUM
REVERSE
LEAKAGE
CURRENT
@V
RWM
I
R
µA
MIN
MAX
PSMF40AL
CR
40.0
44.40
49.10
1
64.5
6.2
1
PSMF43AL
CT
43.0
47.80
52.80
1
69.4
5.8
1
PSMF45AL
CV
45.0
50.00
55.30
1
72.7
5.5
1
PSMF48AL
CX
48.0
53.30
58.90
1
77.4
5.2
1
PSMF51AL
CZ
51.0
56.70
62.70
1
82.4
4.9
1
PSMF58AL
DE
58.0
64.40
71.20
1
93.6
4.3
1
PSMF60AL
DG
60.0
66.70
73.70
1
96.8
4.1
1
PSMF64AL
DM
64.0
71.10
78.60
1
103.0
3.9
1
PSMF70AL
DP
70.0
77.80
86.00
1
113.0
3.5
1
PSMF75AL
DR
75.0
83.30
92.10
1
121.0
3.3
1
PSMF78AL
DT
78.0
86.70
95.80
1
126.0
3.2
1
PSMF85AL
DV
85.0
94.40
104.00
1
137.0
2.9
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com