Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES51966 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ES51966
Description  44,000/440,000-COUNT DUAL-SLOPE ANALOG-TO-DIGITAL CONVERTER(ADC) WITH X10 AND PEAK HOLD FUNCTIONS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ES51966 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ES51966 Datasheet HTML 17Page - List of Unclassifed Manufacturers ES51966 Datasheet HTML 18Page - List of Unclassifed Manufacturers ES51966 Datasheet HTML 19Page - List of Unclassifed Manufacturers ES51966 Datasheet HTML 20Page - List of Unclassifed Manufacturers ES51966 Datasheet HTML 21Page - List of Unclassifed Manufacturers ES51966 Datasheet HTML 22Page - List of Unclassifed Manufacturers ES51966 Datasheet HTML 23Page - List of Unclassifed Manufacturers ES51966 Datasheet HTML 24Page - List of Unclassifed Manufacturers ES51966 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image



         

    
. 4 -- - 
JBD:4E3FG  (*+++(B2C ,
 ,)'# ,,,  * - -  )
 , ,:   4# -- (,
  )
▪ 40Hz range:
 4V"W
W 
B*+3 W V "  ++3  V  
▪ 400Hz range
 4V"W
W 
B*+3  V   ++3  V  
▪ 4000Hz range
 4V"W
W 
B*+3  V   ++3  V  
▪ 40KHz to 400MHz range (D2 is not needed.)
 #!DE3

B*+3 W 
 ++3 4 
 #!DE3

B*+3 
 ++3 4 
   ,  (*+ (, )'0   )8'0) B   
, -(*     # (# -:
2 8 (*+
2  
'0 )'0<'0
)'0
'0 4)'0<'0
)'0
'0 4'0<'0
)'0
&'0 <) &'0
'0
&'0 < )&'0
'0
8'0 <) 8'0
'0
8'0 <) 8'0
&'0
8'0 < )8'0
&'0
'0 ( (*+    , - M (#
 9; #    L'M)   ,   (   (*+    
, - M (#1;#  L'M)J9;1;
  4# -  ,)&'0<8'0 1;
9;#+ L;M- M (##   )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com