Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2292FZ Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2292FZ
Description  Three-PLL General-Purpose EPROM Programmable Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2292FZ Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2292FZ Datasheet HTML 1Page - Cypress Semiconductor CY2292FZ Datasheet HTML 2Page - Cypress Semiconductor CY2292FZ Datasheet HTML 3Page - Cypress Semiconductor CY2292FZ Datasheet HTML 4Page - Cypress Semiconductor CY2292FZ Datasheet HTML 5Page - Cypress Semiconductor CY2292FZ Datasheet HTML 6Page - Cypress Semiconductor CY2292FZ Datasheet HTML 7Page - Cypress Semiconductor CY2292FZ Datasheet HTML 8Page - Cypress Semiconductor CY2292FZ Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CY2292
Document #: 38-07449 Rev. *B
Page 2 of 11
Operation
The CY2292 is a third-generation family of clock generators.
The CY2292 is upwardly compatible with the industry standard
ICD2023 and ICD2028 and continues their tradition by
providing a high level of customizable features to meet the
diverse clock generation needs of modern motherboards and
other synchronous systems.
All parts provide a highly configurable set of clocks for PC
motherboard applications. Each of the four configurable clock
outputs (CLKA–CLKD) can be assigned 1 of 30 frequencies in
any combination. Multiple outputs configured for the same or
related[3] frequencies will have low (
≤ 500 ps) skew, in effect
providing on-chip buffering for heavily loaded signals.
The CY2292 can be configured for either 5V or 3.3V operation.
The internal ROM tables use EPROM technology, allowing full
customization of output frequencies. The reference oscillator
has been designed for 10-MHz to 25-MHz crystals, providing
additional flexibility. No external components are required with
this crystal. Alternatively, an external reference clock of
frequency between 1 MHz and 30 MHz can be used.
Output Configuration
The CY2292 has four independent frequency sources on-chip.
These are the reference oscillator, and three Phase-Locked
Loops (PLLs). Each PLL has a specific function. The System
PLL (SPLL) provides fixed output frequencies on the config-
urable outputs. The SPLL offers the most output frequency
divider options. The CPU PLL (CPLL) is controlled by the
select inputs (S0–S2) to provide eight user-selectable
frequencies with smooth slewing between frequencies. The
Utility PLL (UPLL) provides the most accurate clock. It is often
used for miscellaneous frequencies not provided by the other
frequency sources.
All configurations are EPROM programmable, providing short
sample and production lead times. Please refer to the appli-
cation note Understanding the CY2291, CY2292, and CY2295
for information on configuring the part.
Notes:
1. For best accuracy, use a parallel-resonant crystal, CLOAD ≈ 17 pF or 18 pF.
2. Float XTALOUT pin if XTALIN is driven by reference clock (as opposed to crystal).
3. Please refer to application note “Understanding the CY2291, CY2292 and CY2295” for more information.
4. The CY2292 has weak pull-downs on all outputs. Hence, when a three-state condition is forced on the outputs, the output pins are pulled LOW.
Pin Summary
Name
Pin Number
CY2292
Description
CLKC
1
Configurable clock output C.
VDD
2, 14
Voltage supply.
GND
3, 11
Ground.
XTALIN[1]
4
Reference crystal input or external reference clock input.
XTALOUT[1, 2]
5
Reference crystal feedback.
XBUF
6
Buffered reference clock output.
CLKD
7
Configurable clock output D.
CPUCLK
8
CPU frequency clock output.
CLKB
9
Configurable clock output B.
CLKA
10
Configurable clock output A.
S0
12
CPU clock select input, bit 0.
S1
13
CPU clock select input, bit 1.
S2/SUSPEND
15
CPU clock select input, bit 2. Optionally enables suspend feature when LOW.[3]
SHUTDOWN/OE
16
Places outputs in three-state[4] condition and shuts down chip when LOW. Optionally, only
places outputs in three-state[4] condition and does not shut down chip when LOW.
1
2
3
4
5
6
7
8
9
10
CLKC
VDD
GND
XTALIN
XTALOUT
XBUF
CLKD
CPUCLK
SHUTDOWN/OE
S2/SUSPEND
VDD
S1
S0
GND
CLKA
CLKB
16-pin SOIC
11
12
13
14
15
16
CY2292
Pin Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com