Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46C46 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT46C46
Description  Cost-Effective A/D Type 8-Bit MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C46 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT46C46 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46C46 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46C46 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46C46 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46C46 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46C46 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46C46 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46C46 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46C46 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
HT46R46/HT46C46/HT46R47/HT46C47
Rev. 1.00
18
December 28, 2004
A/D Converter
The 4 channels and 8-bit resolution for the HT46R46/
HT46C46 or 9-bit resolution for the HT46R47/HT46C47
A/D converter are implemented in this microcontroller.
The reference voltage is VDD. The A/D converter con-
tains 3 special registers for the HT46R46/HT46C46
which are; ADR (21H), ADCR (22H) and ACSR (23H) or
contains 4 special registers for the HT46R47/HT46C47
whice are; ADRL (20H), ADRH (21H), ADCR (22H) and
ACSR (23H). The ADR is HT46R46/ HT46C46 an A/D
result register that is read-only. The ADRH and ADRL
are HT46R47/HT46C47 A/D result register higher-order
byte and lower-order byte which are read-only. After the
A/D conversion is completed, the ADR (HT46R46/
HT46C46) or ADRL, ADRH (HT46R47/HT46C47)
should be read to get the conversion result data. The
ADCR is an A/D converter control register, which de-
fines the A/D channel number, analog channel select,
start A/D conversion control bit and the end of A/D con-
version flag. If the users want to start an A/D conversion,
define PB configuration, select the converted analog
channel, and give START bit a raising edge and a falling
edge (0
®1®0). At the end of A/D conversion, the
EOCB bit is cleared and an A/D converter interrupt oc-
curs (if the A/D converter interrupt is enabled). The
ACSR is A/D clock setting register, which is used to se-
lect the A/D clock source.
The A/D converter control register is used to control the
A/D converter. The bit2~bit0 of the ADCR are used to
select an analog input channel. There are a total of four
channels to select. The bit5~bit3 of the ADCR are used
to set PB configurations. PB can be an analog input or
as digital I/O line decided by these 3 bits. Once a PB line
is selected as an analog input, the I/O functions and
pull-high resistor of this I/O line are disabled, and the
A/D converter circuit is power on. The EOCB bit (bit6 of
the ADCR) is end of A/D conversion flag. Check this bit
to know when A/D conversion is completed. The START
bit of the ADCR is used to begin the conversion of A/D
converter. Give START bit a raising edge and falling
edge that means the A/D conversion has started. In or-
der to ensure the A/D conversion is completed, the
START should stay at
²0² until the EOCB is cleared to
²0² (end of A/D conversion).
The bit 7 of the ACSR is used for testing purpose only. It
can not be used for the users. The bit1 and bit0 of the
ACSR are used to select A/D clock sources.
When the A/D conversion is completed, the A/D inter-
rupt request flag is set. The EOCB bit is set to
²1² when
the START bit is set from
²0² to ²1².
Register Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0
ADR
D7
D6
D5
D4
D3
D2
D1
D0
Note:
D0~D7 is A/D conversion result data bit
LSB~MSB.
ADR (21H) Register for HT46R46/HT46C46
Register Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0
ADRL
D0
¾¾¾¾¾¾¾
ADRH
D8
D7
D6
D5
D4
D3
D2
D1
Note:
D0~D8 is A/D conversion result data bit
LSB~MSB.
ADRL (20H), ADRH (21H) Register for HT46R47/HT46C47
f S Y S / 2
P W M
[ P W M ] = 1 0 0
[ P W M ] = 1 0 1
P W M
[ P W M ] = 1 0 2
P W M
[ P W M ] = 1 0 3
P W M
P W M c y c l e : 2 5 6 / f S Y S
2 5 / 6 4
2 6 / 6 4
2 6 / 6 4
2 6 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 6 / 6 4
2 6 / 6 4
2 5 / 6 4
2 5 / 6 4
2 6 / 6 4
2 5 / 6 4
2 6 / 6 4
2 6 / 6 4
2 6 / 6 4
M o d u l a t i o n c y c l e 0
P W M m o d u l a t i o n p e r i o d : 6 4 / f S Y S
M o d u l a t i o n c y c l e 1
M o d u l a t i o n c y c l e 2
M o d u l a t i o n c y c l e 3
M o d u l a t i o n c y c l e 0
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com