Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6240C Datasheet(PDF) 11 Page - Micro Analog systems

Part # MAS6240C
Description  Piezo Driver with Multi-Mode Charge Pump
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6240C Datasheet(HTML) 11 Page - Micro Analog systems

Back Button MAS6240C_16 Datasheet HTML 5Page - Micro Analog systems MAS6240C_16 Datasheet HTML 6Page - Micro Analog systems MAS6240C_16 Datasheet HTML 7Page - Micro Analog systems MAS6240C_16 Datasheet HTML 8Page - Micro Analog systems MAS6240C_16 Datasheet HTML 9Page - Micro Analog systems MAS6240C_16 Datasheet HTML 10Page - Micro Analog systems MAS6240C_16 Datasheet HTML 11Page - Micro Analog systems MAS6240C_16 Datasheet HTML 12Page - Micro Analog systems MAS6240C_16 Datasheet HTML 13Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DA6240C.007
17 October, 2016
11 (13)
SOLDERING INFORMATION
For Lead-Free / Green QFN 2mm x 2mm x 0.5mm and 3mm x 3mm x 0.75mm
Resistance to Soldering Heat
According to RSH test IEC 68-2-58/20
Maximum Temperature
260
C
Maximum Number of Reflow Cycles
3
Reflow profile
Thermal profile parameters stated in IPC/JEDEC J-STD-020
should not be exceeded. http://www.jedec.org
Lead Finish
7.62 - 25.4 µm, Matte Tin
QFN 2x2x0.5 EMBOSSED TAPE SPECIFICATIONS
Orientation on tape
Dimension
Min/Max
Unit
A0
2.13 ±0.05
mm
B0
2.13 ±0.05
mm
D
1.50 ±0.1
mm
D1
1.00 +0.25/-0.00
mm
E
1.75 ±0.10
mm
F
3.50 ±0.05
mm
K0
0.88 ±0.05
mm
P
4.00 ±0.10
mm
P0
4.00 ±0.10
mm
10P0
40.00 ±0.20
mm
P2
2.00
±0.05
mm
t
0.254
±0.02
mm
W
8.00 +0.3/-0.1
mm
5 MAX
°
Reel Material: Conductive, Plastic Antistatic or Static Dissipative
Carrier Tape Material: Conductive
Cover Tape Material: Static Dissipative
User Direction of Feed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com