Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6180B Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS6180B
Description  AM Receiver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6180B Datasheet(HTML) 2 Page - Micro Analog systems

  MAS6180B Datasheet HTML 1Page - Micro Analog systems MAS6180B Datasheet HTML 2Page - Micro Analog systems MAS6180B Datasheet HTML 3Page - Micro Analog systems MAS6180B Datasheet HTML 4Page - Micro Analog systems MAS6180B Datasheet HTML 5Page - Micro Analog systems MAS6180B Datasheet HTML 6Page - Micro Analog systems MAS6180B Datasheet HTML 7Page - Micro Analog systems MAS6180B Datasheet HTML 8Page - Micro Analog systems MAS6180B Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2 (13)
DA6180B.003
17 September, 2014
MAS6180 PAD LAYOUT
VDD
QOP
QOM
QI
AGC
OUT
DEC
AON
PDN
RFIP
RFIM
VSS
1020 µ
µ
µ
µ
m
VSS pad
bonded first!
MAS6180Bx
DIE size = 1020 µm x 1260 µm; PAD size = 80 µm x 80 µm
Note: Because the substrate of the die is internally connected to VSS, the die has to be connected to VSS or left
floating. Please make sure that VSS is the first pad to be bonded. Pick-and-place and all component assembly
are recommended to be performed in ESD protected area.
Note: Coordinates are pad center points where origin has been located in bottom-left corner of the silicon die.
Pad Identification
Name
X-coordinate
Y-coordinate
Note
Power Supply Voltage
VDD
126 µm
1062 µm
Positive Quartz Filter Output for Crystal
QOP
126 µm
893 µm
Negative Quartz Filter Output for Crystal
QOM
126 µm
723 µm
1
Quartz Filter Input for Crystal and External
Compensation Capacitor
QI
126 µm
549 µm
AGC Capacitor
AGC
126 µm
375 µm
Receiver Output
OUT
126 µm
198 µm
2
Demodulator Capacitor
DEC
894 µm
201 µm
AGC On Control
AON
894 µm
385 µm
3
Power Down
PDN
894 µm
553 µm
4
Positive Receiver Input
RFIP
894 µm
742 µm
5
Negative Receiver Input
RFIM
894 µm
920 µm
5
Power Supply Ground
VSS
894 µm
1051 µm
Notes:
1) External crystal compensation capacitor pin QOM is connected only in MAS6180B5 version. It is left
unconnected in MAS6180B1 version which has internal compensation capacitor.
2) OUT = VSS when carrier amplitude at maximum; OUT = VDD when carrier amplitude is reduced (modulated)
-
The output is a current source/sink with |IOUT| > 5 µA
-
At power down the output is pulled to VSS (pull down switch)
3) AON = VSS means AGC off (hold current gain level); AON = VDD means AGC on (normal operation)
-
Unused AON pad can be left unconnected due to internal pull-up with current < 1 µA. Pull up current is
switched off at power down.
4) PDN = VSS means receiver on; PDN = VDD means receiver off
-
Fast start-up is triggered when the receiver is after power down (PDN=VDD) controlled to power up
(PDN=VSS) i.e. at the falling edge of PDN signal.
5) Receiver inputs RFIP and RFIM have both 1.4 MΩ biasing resistors towards VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com