Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6180B5TC00 Datasheet(PDF) 13 Page - Micro Analog systems

Part # MAS6180B5TC00
Description  AM Receiver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6180B5TC00 Datasheet(HTML) 13 Page - Micro Analog systems

Back Button MAS6180B5TC00 Datasheet HTML 5Page - Micro Analog systems MAS6180B5TC00 Datasheet HTML 6Page - Micro Analog systems MAS6180B5TC00 Datasheet HTML 7Page - Micro Analog systems MAS6180B5TC00 Datasheet HTML 8Page - Micro Analog systems MAS6180B5TC00 Datasheet HTML 9Page - Micro Analog systems MAS6180B5TC00 Datasheet HTML 10Page - Micro Analog systems MAS6180B5TC00 Datasheet HTML 11Page - Micro Analog systems MAS6180B5TC00 Datasheet HTML 12Page - Micro Analog systems MAS6180B5TC00 Datasheet HTML 13Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13 (13)
DA6180B.003
17 September, 2014
ORDERING INFORMATION
Product Code
Product
Description
Capacitance Option
MAS6180B1TC00
Single Band AM-Receiver IC
with Differential Input
EWS-tested wafer,
diameter 8”,
thickness 395 µm ± 5%.
CC = 0.75 pF
MAS6180B5TC00
Single Band AM-Receiver IC
with Differential Input
EWS-tested wafer,
diameter 8”,
thickness 395 µm ± 5%.
External compensation
capacitor
MAS6180B1UC06
Single Band AM-Receiver IC
with Differential Input
TSSOP-16, Pb-free, RoHS
compliant, Tape & Reel
CC = 0.75 pF
Contact Micro Analog Systems Oy for other wafer thickness options.
N The formation of product code
An example for MAS6180B1TC00:
MAS6180
B
1
TC
00
Product
name
Design
version
Capacitance option:
CC = 0.75 pF
Package type:
TC = 400 µm thick EWS tested wafer
Delivery format:
00 = bare wafer
05 = dies on tray
06 = tape & reel
08 = in tube
LOCAL DISTRIBUTOR
MICRO ANALOG SYSTEMS OY CONTACTS
Micro Analog Systems Oy
Kutomotie 16
FI-0038 Helsinki, FINLAND
Tel. +358 10 835 1100
Fax +358 10 835 1119
http://www.mas-oy.com
NOTICE
Micro Analog Systems Oy reserves the right to make changes to the products contained in this data sheet in order to improve the design or
performance and to supply the best possible products. Micro Analog Systems Oy assumes no responsibility for the use of any circuits
shown in this data sheet, conveys no license under any patent or other rights unless otherwise specified in this data sheet, and makes no
claim that the circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and
Micro Analog Systems Oy makes no claim or warranty that such applications will be suitable for the use specified without further testing or
modification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com