Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDM88230A-R02 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PDM88230A-R02
Description  Easy mounting on PCB or socket
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PDM88230A-R02 Datasheet(HTML) 1 Page - P-tec Corporation

  PDM88230A-R02 Datasheet HTML 1Page - P-tec Corporation PDM88230A-R02 Datasheet HTML 2Page - P-tec Corporation PDM88230A-R02 Datasheet HTML 3Page - P-tec Corporation PDM88230A-R02 Datasheet HTML 4Page - P-tec Corporation PDM88230A-R02 Datasheet HTML 5Page - P-tec Corporation PDM88230A-R02 Datasheet HTML 6Page - P-tec Corporation PDM88230A-R02 Datasheet HTML 7Page - P-tec Corporation PDM88230A-R02 Datasheet HTML 8Page - P-tec Corporation PDM88230A-R02 Datasheet HTML 9Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.p-tec.net
111113 Rev0 JAS
Page 1 of 9
PRODUCT SPECIFICATION
Part Number
PDM88230 Series
Details
• 2.3” (37.02mm) Dot Matrix Display
• 8x8 Array
• Available in Common Anode or Cathode
• Emitting Color: Pure Green, Yellow Green,
Yellow, Amber, Orange-Red, Red or Deep
Red
Features
• Low power consumption
• RoHS Compliant
• Gray or Black Face, White Segment
• Easy mounting on PCB or socket
Mechanical Dimensions
Notes:
1. Dimensions in millimeters [inch], and tolerance is ±0.25 [.010] and angle is ±1° unless otherwise noted.
2. Bending
≤ Length*1%
3. All pins are
⌀0.50.[020]±0.1[.004]
4. Specifications subject to change without notice


Similar Part No. - PDM88230A-R02

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PDM88230A-W01 P-TEC-PDM88230A-W01 Datasheet
576Kb / 8P
Low power consumption
More results

Similar Description - PDM88230A-R02

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PAC100-CXDXXX P-TEC-PAC100-CXDXXX Datasheet
914Kb / 9P
Easy mounting on PCB or socket
PDC36-CXDXXX P-TEC-PDC36-CXDXXX Datasheet
784Kb / 9P
Easy mounting on PCB or socket
PDM57300X-W01 P-TEC-PDM57300X-W01 Datasheet
404Kb / 7P
Easy mounting on PCB or socket
PDM57400X-W01 P-TEC-PDM57400X-W01 Datasheet
407Kb / 7P
Easy mounting on PCB or socket
PDM58140X-W01 P-TEC-PDM58140X-W01 Datasheet
415Kb / 7P
Easy mounting on PCB or socket
PDM58230X-W01 P-TEC-PDM58230X-W01 Datasheet
414Kb / 7P
Easy mounting on PCB or socket
PDM58460 P-TEC-PDM58460 Datasheet
621Kb / 8P
Easy mounting on PCB or socket
PDC303SM-CXMXXX P-TEC-PDC303SM-CXMXXX Datasheet
806Kb / 9P
Easy mounting on PCB or socket
PDC563SM-CXMXXX P-TEC-PDC563SM-CXMXXX Datasheet
1Mb / 9P
Easy mounting on PCB or socket
PDM88185 P-TEC-PDM88185 Datasheet
713Kb / 8P
Easy mounting on PCB or socket
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com