Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDM88230C-R02 Datasheet(PDF) 2 Page - P-tec Corporation

Part # PDM88230C-R02
Description  Easy mounting on PCB or socket
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PDM88230C-R02 Datasheet(HTML) 2 Page - P-tec Corporation

  PDM88230C-R02 Datasheet HTML 1Page - P-tec Corporation PDM88230C-R02 Datasheet HTML 2Page - P-tec Corporation PDM88230C-R02 Datasheet HTML 3Page - P-tec Corporation PDM88230C-R02 Datasheet HTML 4Page - P-tec Corporation PDM88230C-R02 Datasheet HTML 5Page - P-tec Corporation PDM88230C-R02 Datasheet HTML 6Page - P-tec Corporation PDM88230C-R02 Datasheet HTML 7Page - P-tec Corporation PDM88230C-R02 Datasheet HTML 8Page - P-tec Corporation PDM88230C-R02 Datasheet HTML 9Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.p-tec.net
111113 Rev0 JAS
Page 2 of 9
Device Selection Guide
Model Number
Chip
Common Column Anode
Common Column Cathode
Material
Emitting Color
PDM88230A-G05
PDM88230C-G05
InGaN
True Green
PDM88230A-G17
PDM88230C-G17
AlInGaP
Yellow Green
PDM88230A-Y04
PDM88230C-Y04
Yellow
PDM88230A-A11
PDM88230C-A11
Amber
PDM88230A-R02
PDM88230C-R02
Orange-Red
PDM88230A-R11
PDM88230C-R11
Red
PDM88230A-R21
PDM88230C-R21
Deep Red
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Rating
Unit
G17/Y04/A11/R02/R11/R21
G05
Power Dissipation per Dice
PAD
70
114
mW
Derating Liner from 25°C per Dice
--
0.33
0.4
mA/°C
Continuous Forward Current Per Dice
IAF
25
30
mA
Peak Current Per Dice (duty cycle 1/10, 1KHz)
IPF
90
100
mA
Reverse Voltage Per Dice
VR
5
5
V
Electrostatic Discharge (HBM)
ESD
/
1000
V
Operating Temperature
Topr
-35~+85
°C
Storage Temperature
Tstg
-35~+85
°C
Solder Conditions: 1/16 inch below seating plane for 3 -5 seconds at 260°C.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com