Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVR465 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AVR465
Description  Single-Phase Power/Energy Meter with Tamper Detection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR465 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AVR465 Datasheet HTML 32Page - ATMEL Corporation AVR465 Datasheet HTML 33Page - ATMEL Corporation AVR465 Datasheet HTML 34Page - ATMEL Corporation AVR465 Datasheet HTML 35Page - ATMEL Corporation AVR465 Datasheet HTML 36Page - ATMEL Corporation AVR465 Datasheet HTML 37Page - ATMEL Corporation AVR465 Datasheet HTML 38Page - ATMEL Corporation AVR465 Datasheet HTML 39Page - ATMEL Corporation AVR465 Datasheet HTML 40Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
AVR465
39
2566A-AVR-07/04
This application note is written with the ATmega88 in mind, but the design is easy to
migrate to almost any other AVR. Alternative design ideas include:
• Remove tamper detection logic and turn the design into a standard single-phase
meter. Firmware should then fit into 4kB and the microcontroller can be replaced
by an ATmega48, for example.
• Add functions such as remote reading, demand recording or multiple tariffs.
Upgrade to ATmega168, for example, if the firmware exceeds 8kB.
• Add integrated LCD support simply by migrating to ATmega169.
No software is ever complete and there are probably as many potential improvements
as there are readers of this document. The good news is the firmware is open source
and can be edited to fit any application.
Some recommended starting points for software enhancements include:
• Put the MCU to sleep as often as possible.
• Add apparent power, S, to measurement set. Hint: S = UI.
• Add reactive power, Q, to measurement set. Hint: S2 = P2 + Q2.
• Consider alternate reactive power approach. Hint: If u(t) is delayed 90 degrees
then reactive power can be calculated the same way as active power, i.e. Q =
Int{u(t-90) x i(t)}. Note: academic discussion on this method’s validity under non-
sinusoidal conditions has been recorded since 1927 (see C. I. Budeanu,
“Puissances reactives et fictives”, Instytut Romain de l’Energie).
Meter Firmware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com