Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP04097 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP04097
Description  SAW Resonator 310.0MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP04097 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP04097 Datasheet HTML 1Page - Golledge Electronics Ltd MP04097 Datasheet HTML 2Page - Golledge Electronics Ltd MP04097 Datasheet HTML 3Page - Golledge Electronics Ltd MP04097 Datasheet HTML 4Page - Golledge Electronics Ltd MP04097 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Resonator 310.0MHz
Model: TC0268A
Part No: MP04097
Rev No: 1
TC0268A v1
1
A. FEATURES:
One - Port Resonator
B. MAXIMUM RATING:
1. Input Power Level: 0dBm
2. DC voltage: 12V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
C. ELECTRICAL CHARACTERISTICS:
Characteristic
Units
Min.
Typ.
Max.
Center frequency Fr
MHz
309.925
310
310.075
Insertion Loss IL
dB
-
1.7
2.5
Equivalent Elements
Motional capacitance C1
fF
-
2.9
-
Motional inductance L1
μH
-
90.84
-
Motional resistance R1
Ohm
-
18.03
-
Parallel capacitance Co
pF
-
4.85
-
Temp. coeff.
ppm/c*2
-
0.032
-
Turnover To
deg. C
10
25
40
Package size
SMD 3.8 X 3.8 X 1.2mm


Similar Part No. - MP04097

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP040 CTS-MP040 Datasheet
133Kb / 5P
Quartz Crystal
logo
Golledge Electronics Lt...
MP04015 GOLLEDGE-MP04015 Datasheet
156Kb / 5P
SAW Filter 1560.0MHz
MP04018 GOLLEDGE-MP04018 Datasheet
110Kb / 7P
SAW Filter 879.0MHz
MP04025 GOLLEDGE-MP04025 Datasheet
73Kb / 5P
SAW Filter 431.0MHz
MP04027 GOLLEDGE-MP04027 Datasheet
67Kb / 5P
SAW Filter 433.420MHz
More results

Similar Description - MP04097

ManufacturerPart #DatasheetDescription
logo
EPCOS
R960 EPCOS-R960 Datasheet
30Kb / 5P
SAW resonator
logo
Shoulder Electronics Li...
HDRM_TO39 SHOULDER-HDRM_TO39 Datasheet
146Kb / 5P
SAW RESONATOR
HDRM_SMD-20 SHOULDER-HDRM_SMD-20 Datasheet
152Kb / 6P
SAW RESONATOR
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
SAW Resonator
2004-04-20
R31451 ITF-R31451 Datasheet
255Kb / 6P
SAW Resonator
2004-04-20
R31801 ITF-R31801 Datasheet
256Kb / 6P
SAW Resonator
2004-04-20
R40731 ITF-R40731 Datasheet
255Kb / 6P
SAW Resonator
R41751 ITF-R41751 Datasheet
252Kb / 6P
SAW Resonator
logo
Shenzhen Luguang Electr...
LGER433 LUGUANG-LGER433 Datasheet
314Kb / 4P
SAW resonator
logo
Golledge Electronics Lt...
MP07588 GOLLEDGE-MP07588 Datasheet
153Kb / 6P
SAW Filter 310.0MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com