Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5048C Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5048C
Description  7A Sink/3A Source Current
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5048C Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5048C Datasheet HTML 1Page - Maxim Integrated Products MAX5048C Datasheet HTML 2Page - Maxim Integrated Products MAX5048C Datasheet HTML 3Page - Maxim Integrated Products MAX5048C Datasheet HTML 4Page - Maxim Integrated Products MAX5048C Datasheet HTML 5Page - Maxim Integrated Products MAX5048C Datasheet HTML 6Page - Maxim Integrated Products MAX5048C Datasheet HTML 7Page - Maxim Integrated Products MAX5048C Datasheet HTML 8Page - Maxim Integrated Products MAX5048C Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MAX5048C
7A Sink/3A Source Current, 8ns,
SOT23, MOSFET Driver
Maxim Integrated │ 4
www.maximintegrated.com
Typical Operating Characteristics
(CL = 1nF, TA = +25°C, unless otherwise noted.)
RISE TIME vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE, V+ (V)
12
10
8
6
2.5
3.0
3.5
4.0
2.0
414
TA = +125°C
TA = +85°C
TA = 0°C
TA = -40°C
TA = +25°C
FALL TIME vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE, V+ (V)
10
12
8
6
2.0
2.5
3.0
1.5
414
TA = +125°C
TA = +85°C
TA = 0°C
TA = -40°C
TA = +25°C
PROPAGATION DELAY TIME
(LOW TO HIGH) vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE, V+ (V)
12
10
8
6
10
12
14
16
18
8
414
TA = +125°C
TA = +85°C
TA = 0°C
TA = -40°C
TA = +25°C
PROPAGATION DELAY TIME
(HIGH TO LOW) vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE, V+ (V)
12
10
8
6
10
12
14
16
18
8
414
TA = +125°C
TA = +85°C
TA = 0°C
TA = -40°C
TA = +25°C
SUPPLY VOLTAGE, V+ (V)
12
10
8
6
0.5
1.0
1.5
2.0
2.5
3.0
0
414
SUPPLY CURRENT
vs. SUPPLY VOLTAGE (CL = 0nF)
1MHz
500kHz
100kHz 75kHz
40kHz
SUPPLY CURRRENT vs. LOAD
CAPACITANCE (V+ = 10V, f =100kHz)
LOAD CAPACITANCE (nF)
2000
1500
1000
500
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
02500
SUPPLY CURRENT vs. TEMPERATURE
(V+ = 10V, CL = 0nF, f = 100kHz)
AMBIENT TEMPERATURE (°C)
100
80
60
40
20
0
-20
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.50
-40
120
SUPPLY VOLTAGE, V+ (V)
12
10
8
6
0.5
1.0
1.5
2.0
2.5
3.0
0
414
INPUT THRESHOLD VOLTAGE
vs. SUPPLY VOLTAGE (CL = 0nF)
RISING
FALLING
SUPPLY CURRENT vs. LOGIC INPUT
VOLTAGE (V+ = 10V, CL = 0nF)
LOGIC INPUT VOLTAGE (V)
13
12
11
10
9
8
7
6
5
4
3
2
1
0.5
0.6
0.7
0.8
0.9
0.4
014
RISING
FALLING



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com