Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8902A Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8902A
Description  Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8902A Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8902A Datasheet HTML 1Page - Maxim Integrated Products MAX8902A Datasheet HTML 2Page - Maxim Integrated Products MAX8902A Datasheet HTML 3Page - Maxim Integrated Products MAX8902A Datasheet HTML 4Page - Maxim Integrated Products MAX8902A Datasheet HTML 5Page - Maxim Integrated Products MAX8902A Datasheet HTML 6Page - Maxim Integrated Products MAX8902A Datasheet HTML 7Page - Maxim Integrated Products MAX8902A Datasheet HTML 8Page - Maxim Integrated Products MAX8902A Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MAX8902A/MAX8902B
Low-Noise 500mA LDO Regulators
in a 2mm x 2mm TDFN Package
Maxim Integrated | 3
www.maximintegrated.com
Electrical Characteristics (continued)
(VIN = VEN = 5V, OUTS = OUT, circuit of Figure 2 (MAX8902A) and Figure 3 (MAX8902B), TA = -40°C to +125°C, unless otherwise
noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GND
TA < +85°C
80
120
GND Supply Current
IOUT = 0mA
TA < +125°C
160
μA
TA = +25°C
0.001
+1
GND Shutdown Current
VIN = 5.5V, EN = 0V
TA = +85°C
0.01
μA
SELA/SELB (MAX8902A only)
When shorted to GND or VIN
500
Select Input Resistance
When open
1
M
Select Input Capacitance
When open
10
pF
EN
EN rising
0.8
1.2
EN falling, TA < +85°C
0.4
0.7
Enable Input Threshold
VIN = 1.7V to 5.5V
EN falling, TA < +125°C
0.38
0.7
V
TA = +25°C
-1
0.001
+1
Enable Input Bias Current
VEN = 0V to 5.5V
TA = +85°C
0.01
μA
POK (MAX8902B only)
OUT rising
88
91
94
%
POK Threshold
OUT voltage when
POK
switches
OUT falling
88
%
POK Voltage, Low
IPOK = 1mA
10
100
mV
TA = +25°C
-1
0.001
+1
POK Leakage Current
POK = 5.5V, VEN = 0V
TA = +85°C
0.01
μA
THERMAL SHUTDOWN
TJ rising
165
Thermal Shutdown Threshold
TJ falling
150
°C
OUTPUT TRANSIENT
Load Transient
IOUT = 50mA to 500mA to 50mA, tRISE = tFALL= 1μs
25
mV/P-P
Line Transient
VIN = 4V to 5V to 4V, tRISE = tFALL = 5μs, IOUT = 500mA
3
mV/P-P
IN-to-OUT Reverse Voltage
Turnoff Threshold
IN falling below OUT
10
mV
Note 1: All devices are production tested at TA = +25°C. Specifications over the operating temperature range are guaranteed by
design and characterization.
Note 2: The dropout voltage is defined VIN - VOUT, when VOUT is 5% lower than the value of VOUT when VIN = VOUT + 0.5V.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com