Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17606 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17606
Description  Secondary-Side Synchronous MOSFET Driver for Flyback Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17606 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17606 Datasheet HTML 1Page - Maxim Integrated Products MAX17606 Datasheet HTML 2Page - Maxim Integrated Products MAX17606 Datasheet HTML 3Page - Maxim Integrated Products MAX17606 Datasheet HTML 4Page - Maxim Integrated Products MAX17606 Datasheet HTML 5Page - Maxim Integrated Products MAX17606 Datasheet HTML 6Page - Maxim Integrated Products MAX17606 Datasheet HTML 7Page - Maxim Integrated Products MAX17606 Datasheet HTML 8Page - Maxim Integrated Products MAX17606 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
VIN =13V,VGND = 0V, RTOFF = 100kΩ, RDRN = 2.74kΩ, CVDRV = 2.2µF, TA = +25°C, unless otherwise noted.
MAX17606
Secondary-Side Synchronous MOSFET Driver
for Flyback Converters
Maxim Integrated │ 4
www.maximintegrated.com
Typical Operating Characteristics
50
55
60
65
70
75
80
85
90
95
100
0
1000
2000
3000
LOAD CURRENT (mA)
EFFICIENCY vs. LOAD CURRENT toc1
VIN= 36V
VIN= 24V
VIN= 18V
200
220
240
260
280
300
320
340
360
380
-40 -20 0
20 40 60 80 100 120 140
TEMPERATURE (°C)
QUIESCENT CURRENT (IQ)
vs. TEMPERATURE
toc4
5V/div
1µS/div
FULL-LOAD, STEADY-STATE WAVEFORM
FOR BCM OPERATION, VIN = 18V, IOUT = 3A
GATE
VDRAIN
SEE FIGURE 2 TYPICAL
APPLICATION CIRCUIT
50
55
60
65
70
75
80
85
90
95
100
0
1000
2000
3000
LOAD CURRENT (mA)
EFFICIENCY COMPARISON
toc2
VIN = 24V,WITH DIODE
VIN = 24V,WITH
MOSFET
MOSFET-BSZ040N04LSG
DIODE-STPS30M60DJF-TR
SEE FIGURE 2 TYPICAL
APPLICATION CIRCUIT
6.60
6.80
7.00
7.20
7.40
-40 -20 0
20 40 60 80 100 120 140
TEMPERATURE (°C)
VDRV vs. TEMPERATURE
200mV/div
1A/div
1mS/div
VOUT(AC)
IOUT
LOAD TRANSIENT RESPONSE
(LOAD CURRENT FROM 1.5A TO 3A ON 5V)
SEE FIGURE 2 TYPICAL
APPLICATION CIRCUIT
0
20
40
60
80
100
120
RISE TIME
FALL TIME
0
50
100
150
CHARGE (nC)
GATE RISE AND FALL TIME vs. CHARGE
5V/div
1µS/div
FULL-LOAD STEADY-STATE WAVEFORM
FOR DCM OPERATION, (VIN = 24V, IOUT = 3A)
GATE
VDRAIN
SEE FIGURE 2 TYPICAL
APPLICATION CIRCUIT
toc9
5V OUTPUT, 3A LOAD CURRENT
BODE PLOT
F
PHASE MARGIN = 73.082°
CR = 7.622kHz
SEE FIGURE 2 TYPICAL
APPLICATION CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com