Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JC100B1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # JC100B1
Description  JC050B
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JC100B1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button JC100B1 Datasheet HTML 3Page - List of Unclassifed Manufacturers JC100B1 Datasheet HTML 4Page - List of Unclassifed Manufacturers JC100B1 Datasheet HTML 5Page - List of Unclassifed Manufacturers JC100B1 Datasheet HTML 6Page - List of Unclassifed Manufacturers JC100B1 Datasheet HTML 7Page - List of Unclassifed Manufacturers JC100B1 Datasheet HTML 8Page - List of Unclassifed Manufacturers JC100B1 Datasheet HTML 9Page - List of Unclassifed Manufacturers JC100B1 Datasheet HTML 10Page - List of Unclassifed Manufacturers JC100B1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Tyco Electronics Corp.
7
Data Sheet
October 1997
18 Vdc to 36 Vdc Input, 12 Vdc Output; 50 W to 100 W
JC050B, JC075B, JC100B Power Modules: dc-dc Converters;
Characteristic Curves (continued)
8-1243 (C).b
Figure 9. Typical JC100B Converter Efficiency vs.
Output Current at Room Temperature
8-1266 (C)
Figure 10.Typical Start-Up from Remote On/Off
JCxxxB1; IO = Full Load
Test Configurations
8-203 (C).l
Note:Measure input reflected-ripple current with a simulated source
inductance (LTEST) of 12 µH. Capacitor CS offsets possible
battery impedance. Measure current as shown above.
Figure 11. Input Reflected-Ripple Test Setup
8-513 (C).d
Note:Use a 1.0 µF ceramic capacitor and a 10 µF aluminum
or tantalum capacitor. Scope measurement should be
made using a BNC socket. Position the load between
51 mm and 7 6mm ( 2in .an d 3in.) from the module.
Figure 12. Peak-to-Peak Output Noise
Measurement Test Setup
01
3
46
7
8
77
83
84
85
86
OUTPUT CURRENT, IO (A)
81
80
79
78
82
5
2
18 V
28 V
36 V
0 V
0 V
TIME, t (5 ms/div)
TO OSCILLOSCOPE
12 µH
CS 220 µF
ESR < 0.1
Ω
@ 20 ˚C, 100 kHz
VI(+)
VI(–)
BATTERY
33 µF
CURRENT
PROBE
LTEST
ESR < 0.7
Ω
@ 100 kHz
VO(+)
VO(–)
1.0 µF
RESISTIVE
LOAD
SCOPE
COPPER STRIP
10 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com