Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP01AZ Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP01AZ
Description  1W, 2W 3KVAC Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP01AZ Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP01AZ Datasheet HTML 1Page - Toppower Electronic Technology Limited TP01AZ Datasheet HTML 2Page - Toppower Electronic Technology Limited TP01AZ Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP01(02)AZ Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page2 / 3
SAFETY AND ELECTROMAGNETIC COMPATIBILITY
Safety standard
EN60950,EN60601,UL60950
Isolated Voltage
I/P-O/P:3000VAC
Isolated resistance
I/P-O/P>100M Ohms/500VDC 25℃ 70% RH
Conduction and radiation
EN55011, EN55022 (CISPR22)
CLASS B
(See the application note for details)
Electrostatic discharge ( ESD)
IEC/EN 61000-4-2 level 4
8kV/15kV
(See the application note for details)
Radiofrequency radiation immunity(RF)
IEC/EN 61000-4-3
(See the application note for details)
Electrical fast transient(EFT)
IEC/EN 61000-4-4 level 4
4kV
Surge
IEC/EN 61000-4-5 level 4
2kV
OTHER CHARACTERISTICS
MTBF
200K hrs min.
MIL-HDBK-217F(25)
Dimension
32*20*15mm
NOTES
1.The above data except for special instructions, are measured at TA = 25oC, humidity <75%, input nominal voltage 230Vac and output rated load
2.Ripple & noise are measured in accordance with the link of the application circuit in this manual, using a 300mm twisted pair-wire and 20MHZ bandwidth
3.The power supply is considered a component which will be installed into a final equipment.
The final equipment must be re-confirmed that it still meets EMC directives
TYPICAL APPLICATION CIRCUIT
Notes
:
1.The output filter capacitor C5 is electrolytic capacitor, recommend using of high frequency and low resistance of electrolytic capacitors, the capacity and the current
flowing-through need refer to the technical specifications provided by the manufacturer. C4 is use to remove high frequency noise.
2.EMC filter used in the dashed box is to meet the higher requirements
,if it is used in general applications,it can be omitted.
3. Our company make the filter circuit in the dashed box,which can be used with switching power supply
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com