Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFR4200 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MFR4200
Description  FlexRay Communication Controllers
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MFR4200 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MFR4200 Datasheet HTML 17Page - Freescale Semiconductor, Inc MFR4200 Datasheet HTML 18Page - Freescale Semiconductor, Inc MFR4200 Datasheet HTML 19Page - Freescale Semiconductor, Inc MFR4200 Datasheet HTML 20Page - Freescale Semiconductor, Inc MFR4200 Datasheet HTML 21Page - Freescale Semiconductor, Inc MFR4200 Datasheet HTML 22Page - Freescale Semiconductor, Inc MFR4200 Datasheet HTML 23Page - Freescale Semiconductor, Inc MFR4200 Datasheet HTML 24Page - Freescale Semiconductor, Inc MFR4200 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 260 page
background image
MFR4200 Data Sheet, Rev. 0
Freescale Semiconductor
21
Chapter 1
Introduction
This data sheet provides information on a system that includes the MFR4200 FlexRay Communication
Controller Module.
1.1
Audience
This data sheet is intended for application and system hardware developers who wish to develop products
for the FlexRay MFR4200. It is assumed that the reader understands FlexRay protocol functionality and
microcontroller system design.
1.2
Additional Reading
For additional reading that provides background to, or supplements, the information in this manual:
•
Appendix C, “MFR4200 Protocol Implementation Document”
•
For more information about the FlexRay protocol, refer to the following document:
— FlexRay Communications System Protocol Specification V1.1, FlexRay Consortium, 2004.
•
For more information about Philips Bus Guardian and Bus Driver devices, refer to the following
documents:
— FlexRay Electrical Physical Layer Specification, v1.5, FlexRay Consortium, 2004,
— FlexRay Bus Guardian Preliminary Functional Specification, v1.9, FlexRay Consortium, June
2004.
•
For more information about RS485 transceivers:
— About the MAX3078 transceiver (IDLE state coded as “1”)
http://pdfserv.maxim-ic.com/en/ds/MAX3070E-MAX3079E.pdf
— About the MAX3485 transceiver (IDLE state coded as “0”)
http://pdfserv.maxim-ic.com/en/ds/MAX3483-MAX3491.pdf
•
For more information about the Power PC interface, refer to the Freescale products section at
www.freescale.com.
•
For more information about M9HCS12 Family devices and M9HCS12 programming, refer to the
Freescale Products section at www.freescale.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com