Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XZVG168W Datasheet(PDF) 2 Page - SunLED Corporation

Part # XZVG168W
Description  Ideal for indication light on hand held products
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZVG168W Datasheet(HTML) 2 Page - SunLED Corporation

  XZVG168W Datasheet HTML 1Page - SunLED Corporation XZVG168W Datasheet HTML 2Page - SunLED Corporation XZVG168W Datasheet HTML 3Page - SunLED Corporation XZVG168W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Jan 04, 2017
XDSB9074
V1-Z Layout: Maggie L.
P. 2/4
Part Number: XZVG168W
1.8 x 0.6 mm Right Angle SMD Chip LED Lamp
Green
LED is recommended for reflow soldering and
soldering profile is shown below.
0%
20%
40%
60%
80%
100%
350
400
450
500
550
600
650
700
750
800
Ta = 25 °C
Green
Wavelength (nm)
Relative Intensity Vs. CIE Wavelength
0°
15°
30°
45°
60°
90°
75°
0°
75°
60°
45°
30°
15°
90°
0.5
1.0
0.0
Ta = 25 °C
Spatial Distribution



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com