Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42528 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS42528
Description  114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42528 Datasheet(HTML) 3 Page - Cirrus Logic

  CS42528 Datasheet HTML 1Page - Cirrus Logic CS42528 Datasheet HTML 2Page - Cirrus Logic CS42528 Datasheet HTML 3Page - Cirrus Logic CS42528 Datasheet HTML 4Page - Cirrus Logic CS42528 Datasheet HTML 5Page - Cirrus Logic CS42528 Datasheet HTML 6Page - Cirrus Logic CS42528 Datasheet HTML 7Page - Cirrus Logic CS42528 Datasheet HTML 8Page - Cirrus Logic CS42528 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 91 page
background image
DS586PP5
3
CS42528
5. REGISTER QUICK REFERENCE .......................................................................................... 42
6. REGISTER DESCRIPTION .................................................................................................... 47
6.1 Memory Address Pointer (MAP) ....................................................................................... 47
6.2 Chip I.D. and Revision Register (address 01h) (Read Only) ............................................ 47
6.3 Power Control (address 02h)............................................................................................ 48
6.4 Functional Mode (address 03h) ........................................................................................ 49
6.5 Interface Formats (address 04h) ...................................................................................... 50
6.6 Misc Control (address 05h) .............................................................................................. 52
6.7 Clock Control (address 06h) ............................................................................................. 53
6.8 OMCK/PLL_CLK Ratio (address 07h) (Read Only) ......................................................... 55
6.9 RVCR Status (address 08h) (Read Only)......................................................................... 55
6.10 Burst Preamble PC and PD Bytes (addresses 09h - 0Ch)(Read Only).......................... 56
6.11 Volume Transition Control (address 0Dh) ...................................................................... 57
6.12 Channel Mute (address 0Eh).......................................................................................... 59
6.13 Volume Control (addresses 0Fh, 10h, 11h, 12h, 13h, 14h, 15h, 16h)
........................ 59
6.14 Channel Invert (address 17h) ......................................................................................... 59
6.15 Mixing Control Pair 1 (Channels A1 & B1)(address 18h)
Mixing Control Pair 2 (Channels A2 & B2)(address 19h)
Mixing Control Pair 3 (Channels A3 & B3)(address 1Ah)
Mixing Control Pair 4 (Channels A4 & B4)(address 1Bh) ............................................ 60
6.16 ADC Left Channel Gain (address 1Ch) .......................................................................... 62
6.17 ADC Right Channel Gain (address 1Dh) ........................................................................ 62
6.18 Receiver Mode Control (address 1Eh) ........................................................................... 62
6.19 Receiver Mode Control 2 (address 1Fh) ........................................................................ 63
6.20 Interrupt Status (address 20h) (Read Only) ................................................................... 64
6.21 Interrupt Mask (address 21h) ......................................................................................... 65
6.22 Interrupt Mode MSB (address 22h)
Interrupt Mode LSB (address 23h)................................................................................ 65
6.23 Channel Status Data Buffer Control (address 24h) ........................................................ 66
6.24 Receiver Channel Status (address 25h) (Read Only) .................................................... 67
6.25 Receiver Errors (address 26h) (Read Only) ................................................................... 68
6.26 Receiver Errors Mask (address 27h) .............................................................................. 69
6.27 MuteC Pin Control (address 28h) ................................................................................... 69
6.28 RXP/General Purpose Pin Control (addresses 29h to 2Fh) ........................................... 70
6.29 Q-Channel Subcode Bytes 0 to 9 (addresses 30h to 39h) (Read Only)......................... 72
6.30 C-bit or U-bit Data Buffer (addresses 3Ah to 51h) (Read Only) ..................................... 72
7. PARAMETER DEFINITIONS .................................................................................................. 73
8. REFERENCES ........................................................................................................................ 74
9. PACKAGE DIMENSIONS
................................................................................................... 75
THERMAL CHARACTERISTICS ........................................................................................... 75
10. APPENDIX A: EXTERNAL FILTERS ................................................................................... 76
10.1 ADC Input Filter ............................................................................................................. 76
10.2 DAC Output Filter .......................................................................................................... 76
11. APPENDIX B: S/PDIF RECEIVER ....................................................................................... 77
11.1 Error Reporting and Hold Function ................................................................................ 77
11.2 Channel Status Data Handling ...................................................................................... 77
11.2.1 Channel Status Data E Buffer Access .............................................................. 78
11.2.1a One Byte mode .................................................................................. 78
11.2.1b Two Byte mode .................................................................................. 78
11.2.2 Serial Copy Management System (SCMS) ....................................................... 79
11.3 User (U) Data E Buffer Access ...................................................................................... 79
11.3.1 Non-Audio Auto-Detection ................................................................................ 79
11.3.1a Format Detection ............................................................................... 79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com