Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1027607 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1027607
Description  DMCC 0,5/ 5-ST-2,54
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1027607 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1027607 Datasheet HTML 1Page - PHOENIX CONTACT 1027607 Datasheet HTML 2Page - PHOENIX CONTACT 1027607 Datasheet HTML 3Page - PHOENIX CONTACT 1027607 Datasheet HTML 4Page - PHOENIX CONTACT 1027607 Datasheet HTML 5Page - PHOENIX CONTACT 1027607 Datasheet HTML 6Page - PHOENIX CONTACT 1027607 Datasheet HTML 7Page - PHOENIX CONTACT 1027607 Datasheet HTML 8Page - PHOENIX CONTACT 1027607 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
1027607 DMCC 0,5/ 5-ST-2,54
REF 1027603
PHOENIX CONTACT
4 / 13
2018-12-14
Product version 00
Document revision 00
Order No.
1027607
Type
DMCC 0,5/ 5-ST-2,54
Plug-in system
MICRO COMBICON - DFMC 0,5
Product type
PCB connector
Type of contact
Female connector
Range of articles
DMCC 0,5/..-ST
Pitch
2.54 mm
Range of positions
2...16
Number of positions
5
Number of levels
2
Number of connections
10
Number of potentials
10
Connection method
Crimp connection
Type of locking
without
without
Connection direction of the connector to the PCB
Solder pins per potential
1
Type
Standard
5
item properties
Conductor cross section, flexible
0.14 mm² ... 0.75 mm² (Maximum external diameter of the insulation 1.9 mm)
Stripping length
4.1 mm ... 4.5 mm
5.1
Connection capacity
Conductor cross section AWG
26 ... 18 (Maximum external diameter of the insulation 1.9 mm)
5.2
Connection capacity AWG
Material of metal parts
Note
WEEE/RoHS-compliant, whisker-free acc. to IEC 60068-2-82/JEDEC JESD 201
Contact material
Cu alloy
Surface characteristics
Selective coating
5.3
Material data
Insulating material data
Housing
Insulating material
PA
Insulating material group
I
CTI according to IEC 60112
600
Flammability rating according to UL 94
V0
Color
black (9005)
Glow wire flammability index GWFI according to EN 60695-2-12
850
Glow wire ignition temperature GWIT according to EN 60695-2-13
775
Temperature for the ball pressure test according to EN 60695-10-2
125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com