Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QTHA-RGS0 Datasheet(PDF) 1 Page - Ralston Instruments.

Part # QTHA-RGS0
Description  Stainless Steel
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

QTHA-RGS0 Datasheet(HTML) 1 Page - Ralston Instruments.

  QTHA-RGS0 Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Part No.
QTHA-RGS0
M8 x 1.0 gauge valve bleed port x male Quick-test adapter,
S.S.
Connect a Quick-test hose directly to a DP
transmitter or gauge valve using the bleeder
port when the transmitter is not mounted on a
3 valve manifold or gauge valve or when the
manifold is not easily accessible.
QTHA-RGS0
Specs/Attributes
Compatible with
Rosemount 306 In-line Series Block and Bleed Valves
Country of origin
USA
Materials
Stainless Steel
Max Pressure
5000 PSI / 345 bar / 35 MPa
Max Temperature
140 °F / 60 °C
Media Compatibility
Air, Inert Gas, Natural Gas, Petroleum Based Oil, Water
Min Temperature
0 °F / -18 °C
Seal Materials
Buna-N
Wrench Size
9/16 In
15 mm


Similar Part No. - QTHA-RGS0

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTHA-RGS0 RALSTON-QTHA-RGS0 Datasheet
603Kb / 1P
Stainless Steel
More results

Similar Description - QTHA-RGS0

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
Stainless Steel
QTHA-2FSA-QD RALSTON-QTHA-2FSA-QD_19 Datasheet
258Kb / 1P
Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
Stainless Steel
QTHA-3FS0 RALSTON-QTHA-3FS0_19 Datasheet
475Kb / 1P
Stainless Steel
QTHA-2MS0-RS RALSTON-QTHA-2MS0-RS_19 Datasheet
281Kb / 1P
Stainless Steel
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com