Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAV-331 Datasheet(PDF) 2 Page - Mini-Circuits

Part # SAV-331
Description  D-PHEMT Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SAV-331 Datasheet(HTML) 2 Page - Mini-Circuits

  SAV-331 Datasheet HTML 1Page - Mini-Circuits SAV-331 Datasheet HTML 2Page - Mini-Circuits SAV-331 Datasheet HTML 3Page - Mini-Circuits SAV-331 Datasheet HTML 4Page - Mini-Circuits SAV-331 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Ultra Low Noise, Medium Current
D-PHEMT Transistor
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 5
SAV-331+
REV. OR
M168623
SAV-331+
RS/CP/AM
190110
10-4000 MHz
CASE STYLE: MMM1362
Product Features
• Low Noise Figure, 0.5 dB typ. at 300 MHz
• Gain, 24.1 dB typ. at 300 MHz
• High Output IP3, +32.3 dBm typ. at 300 MHz
• Output Power at 1dB comp., +19.6 dBm typ. at 300 MHz
• Low Current, 60mA
• External biasing and matching required
Typical Applications
• Cellular
• ISM
• GSM
• WCDMA
• WiMax
• WLAN
• UNII and HIPERLAN
Function
Pin Number
Description
Source
2 & 4
Source terminal, normally connected to ground
Gate
3
Gate used for RF input
Drain
1
Drain used for RF output
General Description
Mini-Circuits’ SAV-331+ is a MMIC D-PHEMT transistor with an operating frequency range from 10 to 4000
MHz. This model combines high gain with extremely low noise figure, resulting in lower overall system
noise. Low NF and IP3 performance make it an ideal choice for sensitive receivers in communications
systems. Manufactured using highly repeatable D-PHEMT* technology, the unit comes housed in a tiny
4-lead SOT-343 package. This model requires external biasing and matching.
simplified schematic and pin description
DRAIN
GATE
SOURCE
DR AIN 1
3 G AT E
4 S OUR C E
S OUR C E 2
SOT-343 (SC-70) PACKAGE
* Depletion mode Pseudomorphic High Electron Mobility Transistor.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com