Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2575F1 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2575F1
Description  LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2575F1 Datasheet(HTML) 2 Page - New Japan Radio

  NJM2575F1 Datasheet HTML 1Page - New Japan Radio NJM2575F1 Datasheet HTML 2Page - New Japan Radio NJM2575F1 Datasheet HTML 3Page - New Japan Radio NJM2575F1 Datasheet HTML 4Page - New Japan Radio NJM2575F1 Datasheet HTML 5Page - New Japan Radio NJM2575F1 Datasheet HTML 6Page - New Japan Radio NJM2575F1 Datasheet HTML 7Page - New Japan Radio NJM2575F1 Datasheet HTML 8Page - New Japan Radio NJM2575F1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NJM2575
- 2 -
sABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V+
7.0
V
Power Dissipation
PD
200
mW
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
Tstg
-40 to +125
°C
sELECTRICAL CHARACTERISTICS
( V+=3.0V,RL=150
Ω,Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP. MAX. UNIT
Operating Voltage
Vopr
2.8
3.0
5.5
V
Operating Current
ICC
No Signal
-
7.0
10.0
mA
Operating Current at Power Save
Isave
Power Save Mode
-
60
90
uA
Maximum Output Voltage Swing
Vom
f=1kHz,THD=1%
2.2
2.4
-
Vp-p
Voltage Gain
Gv
Vin=100kHz,1.0Vp-p,
Input Sine Signal
6.1
6.5
6.9
dB
Gfy4.5M Vin=4.5MHz/100kHz,1.0Vp-p
-0.5
0.0
+0.5
Gfy8M
Vin=8MHz/100kHz,1.0Vp-p
-
-2.0
-
Low Pass Filter Characteristic
Gfy16M Vin=16MHz/100kHz,1.0Vp-p
-
-12.0
-
dB
Differential Gain
DG
Vin=1.0Vp-p,
Input 10step Video Signal
-
0.2
-
%
Differential Phase
DP
Vin=1.0Vp-p,
Input 10step Video Signal
-
0.2
-
deg
S/N Ratio
SNv
Vin=1.0Vp-p,
100% White Video Signal, RL=75
Ω
-
+60
-
dB
2nd. Distortion
Hv
Vin=1.0Vp-p,3.58MHz,
Sine Video Signal, RL=75
Ω
-
-40
-
dB
SW Change Voltage High Level
VthPH
active
1.8
-
V+
SW Change Voltage Low Level
VthPL
non-active
0
-
0.3
V
sCONTROL TERMINAL
PARAMETER
STATUS
NOTE
H
Power Save : OFF
L
Power Save : ON
Power Save
OPEN
Power Save : ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com