Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z00607MA2BL2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # Z00607MA2BL2
Description  The Z00607MA is suitable for low power AC switching applications such as fan speed small light controllers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z00607MA2BL2 Datasheet(HTML) 1 Page - STMicroelectronics

  Z00607MA2BL2 Datasheet HTML 1Page - STMicroelectronics Z00607MA2BL2 Datasheet HTML 2Page - STMicroelectronics Z00607MA2BL2 Datasheet HTML 3Page - STMicroelectronics Z00607MA2BL2 Datasheet HTML 4Page - STMicroelectronics Z00607MA2BL2 Datasheet HTML 5Page - STMicroelectronics Z00607MA2BL2 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
1/6
Table 1: Main Features
DESCRIPTION
The Z00607MA is suitable for low power AC
switching applications, such as fan speed, small
light controllers...
Thanks to low gate triggering current, it can be
directly driven by microcontrollers.
Symbol
Value
Unit
IT(RMS)
0.8
A
VDRM/VRRM
600
V
IGT (Q
1)
5mA
Z00607MA
0.8A TRIAC
REV. 6
June 2005
STANDARD
Table 2: Order Codes
Part Numbers
Marking
Z00607MA 1BA2
Z00607MA
Z00607MA 2BL2
Z00607MA
Z00607MA 5BL2
Z00607MA
TO-92
A2
A1
G
G
A1
A2
Table 3: Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (full sine wave)
Tl = 50°C
0.8
A
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25°C)
F = 50 Hz
t = 20 ms
9
A
F = 60 Hz
t = 16.7 ms
9.5
I²tI²t Value for fusing
tp = 10 ms
0.45
A²s
dI/dt
Critical rate of rise of on-state cur-
rent IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 110°C
20
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 110°C
1A
PG(AV)
Average gate power dissipation
Tj = 110°C
0.1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 110
°C


Similar Part No. - Z00607MA2BL2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z00607MA2BL2 STMICROELECTRONICS-Z00607MA2BL2 Datasheet
56Kb / 6P
0.8A TRIAC
13-Sep-2005
Z00607MA2BL2 STMICROELECTRONICS-Z00607MA2BL2 Datasheet
87Kb / 7P
Standard 0.8 A Triacs
12-Apr-2007
Z00607MA2BL2 STMICROELECTRONICS-Z00607MA2BL2 Datasheet
147Kb / 8P
Standard 0.8 A Triacs
19-Jun-2014
More results

Similar Description - Z00607MA2BL2

ManufacturerPart #DatasheetDescription
logo
IP SEMICONDUCTOR CO., L...
IPT0106-XXU IPS-IPT0106-XXU Datasheet
493Kb / 4P
suitable for low power AC Switching application
IPT0108-XXU IPS-IPT0108-XXU Datasheet
493Kb / 4P
suitable for low power AC Switching application
logo
E-Tech Electronics LTD
G2N7000 ETL-G2N7000 Datasheet
191Kb / 2P
The G2N7000 is designed for high voltage, high speed applications such as switching regulators, converters solenoid and relay drivers.
logo
Ohmite Mfg. Co.
ARC2 OHMITE-ARC2 Datasheet
158Kb / 2P
Designed for applications such as voltage dividers
logo
Amphenol Corporation
EN554 AMPHENOL-EN554 Datasheet
70Kb / 2P
Designed for the harsh environment applications such as steam sterilizers and SIP systems
logo
STMicroelectronics
DSL03 STMICROELECTRONICS-DSL03 Datasheet
193Kb / 7P
Low capacitance TVS for high speed lines such as xDSL
03-Feb-2015
DSL02 STMICROELECTRONICS-DSL02 Datasheet
176Kb / 8P
Low capacitance TVS for high speed lines such as xDSL
03-Feb-2015
DSL04 STMICROELECTRONICS-DSL04 Datasheet
163Kb / 7P
Low capacitance TVS for high speed lines such as xDSL
February 2015 Rev 2
logo
List of Unclassifed Man...
28BYJ-48 ETC1-28BYJ-48 Datasheet
198Kb / 1P
The 28BYJ-48 is a small stepper motor suitable for a large range of applications.
Z0607 ETC2-Z0607 Datasheet
96Kb / 4P
suitable for low power AC switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com