Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56853 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # DSP56853
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56853 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button DSP56853 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 662 page
background image
5685x Family Architectural Overview
5685X Overview, Rev. 4
Freescale Semiconductor
1-7
1.3 5685x Family Architectural Overview
The 5685x family of devices consists of the 56800E core, program and data memory, including
peripherals useful for embedded control applications. Block diagrams for each chip describing
the differences in available peripheral sets and memory shown in the following figures:
Figure 1-1, Figure 1-2, Figure 1-3, Figure 1-4, and Figure 1-5.
Figure 1-1. 56853 Functional Block Diagram
JTAG/
Enhanced
OnCE
Program Controller
and
Hardware Looping Unit
Data ALU
16 x 16 + 36
→ 36-Bit MAC
Three 16-bit Input Registers
Four 36-bit Accumulators
Address
Generation Unit
Bit
Manipulation
Unit
16-Bit
56800E Core
XTAL
EXTAL
Interrupt
Controller
Quad
Timer
or
GPIOG
4
CLKO
External Address
Bus Switch
External Bus
Interface Unit
4
RESET
IRQA
IRQB
VDD
VSSIO
VDDA VSSA
External Data
Bus Switch
Bus Control
WR Enable
RD Enable
CS0-CS3[3:0] or
A0-20 [20:0]
MODEA-C or
D0-D15 [15:0]
6
Program Memory
12,288 x 16 SRAM
Boot ROM
1024 x 16 ROM
Data Memory
4,096 x 16 SRAM
PDB
PDB
XAB1
XAB2
XDB2
CDBR
SPI
or
GPIOF
2 SCI
or
GPIOE
IPBus Bridge (IPBB)
3
(GPIOH0-H2)
6
10
VDDIO
11
Decoding
Peripherals
4
System
Bus
Control
Memory
PAB
PAB
CDBW
CDBR
CDBW
VSS
6
GPIOA0-A3[3:0]
6
ESSI0
or
GPIOC
Host
Interface
or
GPIOB
16
RSTO
DMA
6 channel
POR
Integration
Module
System
COP/
Watch-
dog
Time
of
Day
Clock
Generator
OSC PLL
IPBus CLK
COP/TOD CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com