Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1837AASZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD1837AASZ
Description  2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1837AASZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD1837AASZ Datasheet HTML 14Page - Analog Devices AD1837AASZ Datasheet HTML 15Page - Analog Devices AD1837AASZ Datasheet HTML 16Page - Analog Devices AD1837AASZ Datasheet HTML 17Page - Analog Devices AD1837AASZ Datasheet HTML 18Page - Analog Devices AD1837AASZ Datasheet HTML 19Page - Analog Devices AD1837AASZ Datasheet HTML 20Page - Analog Devices AD1837AASZ Datasheet HTML 21Page - Analog Devices AD1837AASZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
REV. A
AD1837A
–18–
30MHz
12.288MHz
SHARC IS ALWAYS
RUNNING IN SLAVE MODE
(INTERRUPT DRIVEN).
ASDATA
FSTDM
BCLK
DSDATA1
LRCLK
BCLK
DATA
MCLK
ADC
NO. 2
SLAVE
SHARC
AD1837A
MASTER
MCLK
DSDATA3/AAUXDATA2
DSDATA2/AAUXDATA1
DLRCLK/AUXLRCLK
LRCLK
BCLK
DATA
MCLK
ADC
NO. 3
SLAVE
LRCLK
BCLK
DATA
MCLK
ADC
NO. 1
SLAVE
DSDATA4/AAUXDATA3
DBCLK/AUXBCLK
Figure 12. Auxiliary Mode Connection (Master Mode) to SHARC
30MHz
12.288MHz
SHARC IS ALWAYS
RUNNING IN SLAVE MODE
(INTERRUPT DRIVEN).
ASDATA
FSTDM
BCLK
DSDATA1
LRCLK
BCLK
DATA
MCLK
ADC
NO. 2
SLAVE
SHARC
AD1837A
SLAVE
MCLK
DSDATA3/AAUXDATA2
DSDATA2/AAUXDATA1
DLRCLK/AUXLRCLK
LRCLK
BCLK
DATA
MCLK
ADC
NO. 3
SLAVE
LRCLK
BCLK
DATA
MCLK
ADC
NO. 1
MASTER
DSDATA4/AAUXDATA3
DBCLK/AUXBCLK
Figure 13. Auxiliary Mode Connection (Slave Mode) to SHARC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com