Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX553B Datasheet(PDF) 7 Page - Sony Corporation

Part # ILX553B
Description  5150-pixel CCD Linear Sensor B W
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX553B Datasheet(HTML) 7 Page - Sony Corporation

Back Button ILX553B Datasheet HTML 3Page - Sony Corporation ILX553B Datasheet HTML 4Page - Sony Corporation ILX553B Datasheet HTML 5Page - Sony Corporation ILX553B Datasheet HTML 6Page - Sony Corporation ILX553B Datasheet HTML 7Page - Sony Corporation ILX553B Datasheet HTML 8Page - Sony Corporation ILX553B Datasheet HTML 9Page - Sony Corporation ILX553B Datasheet HTML 10Page - Sony Corporation ILX553B Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
– 7 –
ILX553B
Item
φROG, φ1 pulse timing
φROG pulse high level period
φROG, φ1 pulse timing
φROG pulse rise time
φROG pulse fall time
φ1 pulse rise time/φ2 pulse fall time
φ1 pulse fall time/φ2 pulse rise time
φRS pulse high level period
φRS, φCLP pulse timing
φRS pulse rise time
φRS pulse fall time
φCLP pulse high level period
φCLP, φLH pulse timing
φCLP pulse rise time
φCLP pulse fall time
Signal output delay time
Unit
ns
µs
µs
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
∗1 These timing is the recommended condition under fφRS = 1MHz.
Clock Pulse Recommended Timing
Symbol
t1
t2
t3
t4
t5
t6
t7
t8
t9
t10
t11
t12
t13
t14
t15
t16
t17
Min.
50
3
1
0
0
0
0
(10)
(10)
0
0
(20)
(5)
0
0
—
—
Typ.
100
5
2
5
5
20
20
200∗1
200∗1
10
10
200∗1
50∗1
10
10
15
8
Max.
—
—
—
10
10
60
60
—
—
(30)
(30)
—
—
(30)
(30)
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com