Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R65 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT46R65
Description  A/D with LCD Type 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R65 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT46R65 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R65 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R65 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R65 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46R65 Datasheet HTML 33Page - Holtek Semiconductor Inc HT46R65 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46R65 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R65 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R65 Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
AND A,[m]
Logical AND accumulator with data memory
Description
Data in the accumulator and the specified data memory perform a bitwise logical_AND op-
eration. The result is stored in the accumulator.
Operation
ACC
¬ ACC ²AND² [m]
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾
Ö
¾¾
AND A,x
Logical AND immediate data to the accumulator
Description
Data in the accumulator and the specified data perform a bitwise logical_AND operation.
The result is stored in the accumulator.
Operation
ACC
¬ ACC ²AND² x
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾
Ö
¾¾
ANDM A,[m]
Logical AND data memory with the accumulator
Description
Data in the specified data memory and the accumulator perform a bitwise logical_AND op-
eration. The result is stored in the data memory.
Operation
[m]
¬ ACC ²AND² [m]
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾
Ö
¾¾
CALL addr
Subroutine call
Description
The instruction unconditionally calls a subroutine located at the indicated address. The
program counter increments once to obtain the address of the next instruction, and pushes
this onto the stack. The indicated address is then loaded. Program execution continues
with the instruction at this address.
Operation
Stack
¬ Program Counter+1
Program Counter
¬ addr
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾
¾¾¾¾¾
CLR [m]
Clear data memory
Description
The contents of the specified data memory are cleared to 0.
Operation
[m]
¬ 00H
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾¾
HT46R65/HT46C65
Rev. 1.80
33
July 14, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com