Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZU5LL Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HZU5LL
Description  Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZU5LL Datasheet(HTML) 5 Page - Renesas Technology Corp

  HZU5LL Datasheet HTML 1Page - Renesas Technology Corp HZU5LL Datasheet HTML 2Page - Renesas Technology Corp HZU5LL Datasheet HTML 3Page - Renesas Technology Corp HZU5LL Datasheet HTML 4Page - Renesas Technology Corp HZU5LL Datasheet HTML 5Page - Renesas Technology Corp HZU5LL Datasheet HTML 6Page - Renesas Technology Corp HZU5LL Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HZU-LL Series
Rev.3, Dec. 2002, page 3 of 3
Main Characteristic
0
1
2
3
4
5
678
123456
-0.5
-1.0
-1.5
-0.02
-0.03
-0.04
-0.01
-0.05
0
-2.0
%/
°C
mV/
°C
250
200
150
100
50
200
150
100
50
0
0
Printed circuit board
15 20 1.6t mm
Material: Glass Epoxy Resin
+Cu Foil
×
×
1.5mm
0.8mm
Cu Foil
Zener Voltage VZ (V)
Fig.1 Zener current vs. Zener voltage
Ambient Temperature Ta (
°C)
Fig.3 Power Dissipation vs. Ambient Temperature
10
–4
10
–2
10
–3
10
–5
10
–6
10
–7
10
–8
Fig.2 Temperature Coefficient vs. Zener voltage
Zener Voltage VZ (V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com