Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTLF1318P2WCL Datasheet(PDF) 4 Page - Finisar Corporation.

Part # FTLF1318P2WCL
Description  1.25 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF1318P2WCL Datasheet(HTML) 4 Page - Finisar Corporation.

  FTLF1318P2WCL Datasheet HTML 1Page - Finisar Corporation. FTLF1318P2WCL Datasheet HTML 2Page - Finisar Corporation. FTLF1318P2WCL Datasheet HTML 3Page - Finisar Corporation. FTLF1318P2WCL Datasheet HTML 4Page - Finisar Corporation. FTLF1318P2WCL Datasheet HTML 5Page - Finisar Corporation. FTLF1318P2WCL Datasheet HTML 6Page - Finisar Corporation. FTLF1318P2WCL Datasheet HTML 7Page - Finisar Corporation. FTLF1318P2WCL Datasheet HTML 8Page - Finisar Corporation. FTLF1318P2WCL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
FTLF1318P2xCL Commercial Temp. SFP Product Specification – October 2006
F i n i s a r
IV. Optical Characteristics (TOP = 0 to 70 °C, VCC = 3.00 to 3.60 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Transmitter
Output Opt. Power
POUT
-9.5
-3
dBm
1
Optical Wavelength
λ
1270
1360
nm
2
Spectral Width
σ
3
nm
2
Optical Modulation Amplitude
OMA
174
μW
2,3
Optical Rise/Fall Time
tr/ tf
150
260
ps
4
RIN
-120
dB/Hz
Deterministic Jitter Contribution
TX
Δ DJ
20
56.5
ps
5
Total Jitter Contribution
TX
Δ TJ
50
119
ps
Optical Extinction Ratio
ER
9
dB
Receiver
Average Rx Sensitivity @ 1.25 Gb/s
(Gigabit Ethernet)
RSENS2
-19
dBm
6, 7
Average Rx Sensitivity @ 1.06 Gb/s
(1X Fibre Channel)
RSENS1
-21
dBm
6, 7
Stressed RX sens. =1.25 Gb/s
-14.5
dBm
Average Received Power
RxMAX
0
dBm
Receiver Elec. 3 dB cutoff freq.
1500
MHz
Optical Center Wavelength
λ
C
1265
1600
nm
Return Loss
12
dB
LOS De-Assert
LOSD
-19
dBm
LOS Assert
LOSA
-30
dBm
LOS Hysteresis
0.5
dB
Notes:
1.
Class 1 Laser Safety per FDA/CDRH and EN (IEC) 60825 regulations.
2.
Also specified to meet curves in FC-PI-2 Rev. 10.0 Figure 18, which allow trade-off between
wavelength, spectral width and OMA.
3.
Equivalent extinction ratio specification for Fibre Channel. Allows smaller ER at higher average
power.
4.
Unfiltered, 20-80%. Complies with IEEE 802.3 (Gig. E) and FC 1x eye masks when filtered.
5.
Measured with DJ-free data input signal. In actual application, output DJ will be the sum of input DJ
and
DJ.
Δ
6.
Measured with conformance signals defined in FC-PI-2 Rev. 10.0 specifications.
7.
Measured with PRBS 2
7-1 at 10-12 BER
© Finisar Corporation October 27, 2006 Rev. C
Page 4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com