Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2172V Datasheet(PDF) 9 Page - New Japan Radio

Part # NJM2172V
Description  OPERATIONAL AMPLIFIER WITH EVR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2172V Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJM2172V Datasheet HTML 5Page - New Japan Radio NJM2172V Datasheet HTML 6Page - New Japan Radio NJM2172V Datasheet HTML 7Page - New Japan Radio NJM2172V Datasheet HTML 8Page - New Japan Radio NJM2172V Datasheet HTML 9Page - New Japan Radio NJM2172V Datasheet HTML 10Page - New Japan Radio NJM2172V Datasheet HTML 11Page - New Japan Radio NJM2172V Datasheet HTML 12Page - New Japan Radio NJM2172V Datasheet HTML 13Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
- 9 -
NJM2172
Term. No.
Term.
Name
Equivalent Circuit
Terminal
Voltage
Note
5
6
VCNT A
VCNT B
-
Input EVR control
voltage
9
10
VREF
REFIN
-
Terminal Voltage is
52 / (52+40)×
(V
+ - V
BE)
RL≥2K
Ω
V+
10
40k
52k
9
5,6
26k
154k
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com