Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2195 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2195
Description  SRS WOW AUDIO PROCESSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2195 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2195 Datasheet HTML 3Page - New Japan Radio NJM2195 Datasheet HTML 4Page - New Japan Radio NJM2195 Datasheet HTML 5Page - New Japan Radio NJM2195 Datasheet HTML 6Page - New Japan Radio NJM2195 Datasheet HTML 7Page - New Japan Radio NJM2195 Datasheet HTML 8Page - New Japan Radio NJM2195 Datasheet HTML 9Page - New Japan Radio NJM2195 Datasheet HTML 10Page - New Japan Radio NJM2195 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
NJM2195
-7 -
s
s
s
sELECTRICAL CHARACTERISTICS ( V
+=12V, Ta=25
°C, V
IN=-20dBV (=0.1Vrms), Speaker Size :Medium)
TEST CONDITION
INPUT
PARAMETER
SYMBOL
L
R
OUT
PUT
MODE
PUNCH
VR
WIDTH
VR
LF
VR
MIN
TYP
MAX
UNIT
f=1kHz
VIN
-
-
VIN
L
R
BYPASS
-
-
-
-
0.005
0.01
f=100Hz
VIN
VIN
VIN
VIN
L
R
TruBass
MAX
-
-
-
0.1
-
f=1kHz
VIIN
-
-
VIN
L
R
3D-
STEREO
-
MAX
-
-
0.1
-
f=1kHz
VIN
-
-
VIN
L
R
FOCUS
-
-
MAX
-
0.1
-
Total Harmonic
Distortion
THD
f=1kHz
VIN
-
-
VIN
L
R
WOW
MAX
MAX
MAX
-
0.1
1.0
%
BYPASS Gain
GVBYP
f=1kHz
VIN
-
-
VIN
L
R
BYPASS
-
-
-
-1.0
0.0
1.0
dB
f=100Hz
VIN
VIN
VIN
VIN
L
R
TruBass
MAX
-
-
12.8
14.8
16.8
f=100Hz
VIN
VIN
VIN
VIN
L
R
TruBass
MIN
-
-
-2.3
1.7
5.7
f=125Hz
VIN
-
-
VIN
L
R
3D-
STEREO
-
MAX
-
9.4
11.4
13.4
f=125Hz
VIN
-
-
VIN
L
R
3D-
STEREO
-
MIN
-
-1.5
0.5
2.5
f=10kHz
VIN
-
-
VIN
L
R
FOCUS
-
-
MAX
10.7
12.7
14.7
f=100Hz
VIN
-
-
VIN
L
R
WOW
MAX
MAX
MAX
13.8
15.8
17.8
SRS Gain
GSRS
f=10kHz
VIN=-35dBV
VIN
-
-
VIN
L
R
WOW
MAX
MAX
MAX
19.7
21.7
23.7
dB
VIN=High Level
2.0
-
V
+
MODE Select
Control Voltage
VMODE
VIN=Low Level
0.0
-
0.7
V
s
s
s
sMODE SELECT FUNCTION
MODE
MODE1
MODE2
MODE3
BYPASS
L
L
L
TruBass
L
H
L
3D-STEREO
L
L
H
FOCUS
H
L
L
WOW
H
H
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com