Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDF2415D Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # HDF2415D
Description  3 Watt HD Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

HDF2415D Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  HDF2415D Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd HDF2415D Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATIONS
INPUT
Voltage
See Model Selection Table
Max. Input Current
Input
Full Load
Voltage
Input Current
5V
1.1 to 0.6A
12V
0.55 to 0.27A
24V
0.26 to 0.14A
48V
0.15 to 0.07A
OUTPUT
Output Voltage
See Model Selection Table
Set Point
±5%
Regulation
Total
±5% (5% to 100% load change)
Noise & Ripple, (peak-to-peak)
5V Output
100 mV max.
+12V, ±12V Output
120 mV
+15V, ±15V Output
150 mV
Output Current
See Model Selection Table
Short-Circuit Protection
Special constant-current circuit
provides indefinite protection against
overload or short circuit
FEATURES
s UL1950 Recognized
s Input-Output Isolation
s Compact, Single In-Line Package
s Single and Dual Output
s Wide-Range Input
s Input and Output Filters
Insulation Resistance
100 M
at 500 VDC
Dielectric Strength
500 VDC for 1 minute
ENVIRONMENTAL
Operating Ambient
Temp.
–10 to +70°C (See Derating Chart)
Storage Temp.
–30 to +80°C
1500 VAC Isolation available on some models – consult the factory
1-800-634-3654
OUTPUT
MODEL AND INPUT RANGE
EFFIC.
VOLTS AMPS 4.0-7.2VDC 8.0-16.5VDC 16-32VDC 28-60VDC
5
0.6
HDF0505S
HDF1205S
HDF2405S HDF4805S 77 - 80%
12
0.26
HDF0512S
HDF1212S
HDF2412S HDF4812S 80 - 85%
15
0.21
HDF0515S
HDF1215S
HDF2415S HDF4815S 80 - 85%
±12
0.125 HDF0512D
HDF1212D HDF2412D HDF4812D 74 - 77%
±15
0.1
HDF0515D
HDF1215D HDF2415D HDF4815D 74 - 77%
MODEL SPECIFICATIONS
DERATING CHART
3 Watt
HD Series
1
0
–30
–10
50
70 80
2
3
HDF12XX, HDF24XX
+
IN
–
Input
Capacitor
Power
Switching
Circuit
Feed back
Dual Output Type
Input
Voltage
Monitoring
Cicuit
Control
Circuit
3 Terminals
Voltage Reg.
Switching
Circuit
OUT
COM
+
–
Output
Voltage
Detector
Cicuit
BLOCK DIAGRAM


Similar Part No. - HDF2415D

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF243BS6 SHOULDER-HDF243BS6 Datasheet
165Kb / 8P
This specification shall cover the characteristics of SAW filter With 243.95MHz used for the mobile system.
HDF2441ES6 SHOULDER-HDF2441ES6 Datasheet
254Kb / 4P
Low insertion loss and deep stop band attenuation for interference
HDF247BS4 SHOULDER-HDF247BS4 Datasheet
197Kb / 8P
This specification shall cover the characteristics of SAW filter With 247.45MHz used for the mobile system.
More results

Similar Description - HDF2415D

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TDN3WI TRACOPOWER-TDN3WI Datasheet
806Kb / 4P
TDN 3WI Series, 3 Watt
Rev. November 30, 2022
TDN3WISM TRACOPOWER-TDN3WISM Datasheet
827Kb / 4P
TDN 3WISM Series, 3 Watt
Rev. November 30, 2022
TDR3 TRACOPOWER-TDR3 Datasheet
893Kb / 4P
TDR 3 Series, 3 Watt
Rev. November 30, 2022
TDR3WISM TRACOPOWER-TDR3WISM Datasheet
864Kb / 5P
TDR 3WISM Series, 3 Watt
Rev. November 30, 2022
TEC3 TRACOPOWER-TEC3 Datasheet
925Kb / 4P
TEC 3 Series, 3 Watt
Rev. November 30, 2022
TEC3WI TRACOPOWER-TEC3WI Datasheet
870Kb / 4P
TEC 3WI Series, 3 Watt
Rev. November 30, 2022
TEN3N TRACOPOWER-TEN3N Datasheet
932Kb / 4P
TEN 3N Series, 3 Watt
Rev. Januaryy 19, 2023
TEN3WIN TRACOPOWER-TEN3WIN Datasheet
921Kb / 4P
TEN 3WIN Series, 3 Watt
Rev. Januaryy 19, 2023
TEN3WIRH TRACOPOWER-TEN3WIRH Datasheet
969Kb / 5P
TEN 3WIRH Series, 3 Watt
Rev. November 30, 2022
TDL3 TRACOPOWER-TDL3 Datasheet
251Kb / 3P
TDL 3 Series, 3 Watt
Rev. December 15, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com