Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JWT75-522-R Datasheet(PDF) 1 Page - TDK Electronics

Part # JWT75-522-R
Description  AC-DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

JWT75-522-R Datasheet(HTML) 1 Page - TDK Electronics

  JWT75-522-R Datasheet HTML 1Page - TDK Electronics JWT75-522-R Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC-DC Power Supplies
1 of 1
Creation Date : February 15, 2019 (GMT)
JWT75-522/R
Sales Region
Worldwide
Series
JWT
Status
Production
Feature
Option
Remote ON/OFF control
Option Lineup
Please refer to here.
Recommended EMC Filter Please refer to here.
Accessories
Please refer to the catalog
Electrical Characteristics
Input Voltage Range[AC]
85 to 265V
Input Voltage Range[DC]
120 to 330V
Efficiency
72% Typ.
Rated Output Voltage[DC]
+5V +12V -12V
Output Voltage Range[DC]
+5 to
+5.25V
Fixed
Fixed
Minimum Output Current
0.8A 0A
0A
Maximum Output Current
8A
4A
0.5A
Maximum Average Current
Maximum Peak Current
Total Maximum(Average) Output Power
75W
Total Maximum Peak Power
Cases Shape & Size
Case’s shape
Unit
Width(W)
42mm Nom.
Height(H)
92mm Nom.
Depth(D)
188mm Nom.
Weight
600g Typ.
Other
Operating Temp. Range
-10 to 65°C
Cooling
Convection cooling
Safety Standard(Certified)
UL60950-1
CSA C22.2 No.60950-1
EN60950-1
Safety Standard(Conformed)
Den-an


Similar Part No. - JWT75-522-R

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
JWT75-522-RA TDK-JWT75-522-RA Datasheet
205Kb / 2P
AC-DC Power Supplies
JWT75-522-RB TDK-JWT75-522-RB Datasheet
206Kb / 2P
AC-DC Power Supplies
JWT75-522-RC TDK-JWT75-522-RC Datasheet
206Kb / 2P
AC-DC Power Supplies
More results

Similar Description - JWT75-522-R

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
AC-DC Power Supplies
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
AC-DC Power Supplies
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
AC-DC Power Supplies
SDR250AS05-F XPPOWER-SDR250AS05-F Datasheet
285Kb / 4P
AC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com