Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZU2CLL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HZU2CLL
Description  Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZU2CLL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HZU2CLL Datasheet HTML 1Page - Renesas Technology Corp HZU2CLL Datasheet HTML 2Page - Renesas Technology Corp HZU2CLL Datasheet HTML 3Page - Renesas Technology Corp HZU2CLL Datasheet HTML 4Page - Renesas Technology Corp HZU2CLL Datasheet HTML 5Page - Renesas Technology Corp HZU2CLL Datasheet HTML 6Page - Renesas Technology Corp HZU2CLL Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HZU-LL Series
Rev.3, Dec. 2002, page 2 of 2
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Value
Unit
Power dissipation
Pd *
1
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55 to +150
°C
Note:
1. See Fig.3.
Electrical Characteristics
(Ta = 25°C)
Zener Voltage
Reverse Current Dynamic Resistance
Linearity
V
Z(V) *
1
I
R(nA)
Z
ZT(Ω
Ω
Ω
Ω)
Z
ZK(kΩ
Ω
Ω
Ω) *2
∆∆∆∆V
Z(V) *
3
Type
Grade
Min
Max
I
Z(mA)
Max
V
R(V)
Max
I
ZT(mA)
Typ
I
ZK(µ
µµµA) Max
HZU2LL
A
1.6
2.0
0.5
100
0.5
350
0.5
(1.2)
50
0.5
B
1.9
2.3
C
2.2
2.6
HZU3LL
A
2.5
2.9
0.5
100
1.0
360
0.5
(1.2)
50
0.5
B
2.8
3.2
C
3.1
3.5
HZU4LL
A
3.4
3.8
0.5
100
2.0
370
0.5
(1.5)
50
0.5
B
3.7
4.1
C
4.0
4.4
HZU5LL
A
4.3
4.7
0.5
100
3.0
380
0.5
(1.5)
50
0.5
B
4.6
5.0
C
4.9
5.3
Notes: 1. Tested with DC.
2. Reference only.
3.
∆V
Z = VZ (IZ = 0.5 mA) - VZ (Iz = 0.05 mA)
4. Type No. is as follows; HZU2ALL, HZU2BLL,
… HZU5CLL.
Mark Code
Type
Grade
MarK No.
Type
Grade
Mark No.
A
2A
A
4A
B
2B
B
4B
HZU2LL
C
2C
HZU4LL
C
4C
A
3A
A
5A
B
3B
B
5B
HZU3LL
C
3C
HZU5LL
C
5C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com