Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2540 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2540
Description  Mixer and Oscillator for TV Tuner
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2540 Datasheet(HTML) 7 Page - New Japan Radio

  NJM2540 Datasheet HTML 1Page - New Japan Radio NJM2540 Datasheet HTML 2Page - New Japan Radio NJM2540 Datasheet HTML 3Page - New Japan Radio NJM2540 Datasheet HTML 4Page - New Japan Radio NJM2540 Datasheet HTML 5Page - New Japan Radio NJM2540 Datasheet HTML 6Page - New Japan Radio NJM2540 Datasheet HTML 7Page - New Japan Radio NJM2540 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NJM2540/2543
- 7 -
TYPICAL CHARACTERISTICS
Vcc=5V,fIF=45.75MHz,TA=25°C
0
10
20
30
40
50
60
0
2 0 0
40 0
600
800
CO N V E R TIO N G A IN v sRF F R EQ UE N C Y
RF F R E Q UE N C Y [MHz]
UH F
VHF _Hi
VH F _Lo w
-4 0
-3 0
-2 0
-1 0
0
10
20
-8 0
-60
-4 0
-20
0
2 0
R F IN PU T L EVEL v s IF O U T P U T L EVEL
fR F= 127.25M Hz (VH F_L ow )
fR F= 361.25M Hz (VH F_H i)
fR F= 80 1.25M H z (UH F)
R F IN P UT LE V E L [ dB m ]
40
45
50
55
60
65
70
75
80
0
200
40 0
600
80 0
P C S B E AT vs R F F R EQ UE NCY
f p/fc/fs :Id e ntit y Le v e l,IF Le v e l= -1 0 d B m
R F FR E Q UE NCY [M Hz]
fRF-92 0K H z
fIF + 92 0H z
V H F_Low VHF _Hi
UH F
0
4
8
12
16
20
0
200
400
600
800
N O ISE F IG U R E vs RF F R EQ UE NCY
RF F R E Q UE NC Y [ M Hz ]
VH F _Lo w
VH F _H i
UH F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com