Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU7045 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU7045
Description  Input/Output Full-Swing High Output Current Single C-MOS Operational Amplifier with Shutdown
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7045 Datasheet(HTML) 7 Page - New Japan Radio

  NJU7045 Datasheet HTML 1Page - New Japan Radio NJU7045 Datasheet HTML 2Page - New Japan Radio NJU7045 Datasheet HTML 3Page - New Japan Radio NJU7045 Datasheet HTML 4Page - New Japan Radio NJU7045 Datasheet HTML 5Page - New Japan Radio NJU7045 Datasheet HTML 6Page - New Japan Radio NJU7045 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NJU7045
-7-
Ver.2004-08-24
■ELECTRICAL CHARACTERISTICS [Amplifier Operating]
●DC CHARACTERISTICS
(VDD=2.2V, 1.54V ≤ VSD ≤ 2.2V, Ta=25˚C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating Current
IDD
No Signal Apply, VSD=VDD
-
300
500
µA
Input Offset Voltage
VIO
-
-
10
mV
Input Bias Current
IB
-
1
-
pA
Input Offset Current
IIO
-
1
-
pA
Large Signal Voltage Gain
AV
RL=10kΩ to 1.1V,
Vo=1.1V±1.0V
70
90
-
dB
Common Mode Rejection Ratio
CMR
CMR+: 1.1V ≤ VCM ≤ 2.2V
CMR-: 0V ≤ VCM ≤ 1.1V
(Note 7)
30
60
-
dB
Supply Voltage Rejection Ratio
SVR
2.2V ≤ VDD ≤ 2.7V,
VCM=VDD/2, VSD=VDD
45
70
-
dB
Output Voltage1
VOH1
RL=10kΩ to 1.1V
2.15
-
-
V
VOL1
RL=10kΩ to 1.1V
-
-
0.05
V
Output Voltage2
VOH2
RL=600Ω to 1.1V
2.1
-
-
V
VOL2
RL=600Ω to 1.1V
-
-
0.1
V
Output Source Current
ISOURCE
VO=1.1V
10
15
-
mA
Output Sink Current
ISINK
VO=1.1V
10
15
-
mA
Input Common Mode Voltage Range
VICM
CMR ≥ 30dB
0
-
2.2
V
(Note 7) CMR is represented by either CMR+ or CMR- has lower value.
●AC CHARACTERISTICS
(VDD=2.2V, 1.54V ≤ VSD ≤ 2.2V, Ta=25˚C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Unity Gain Bandwidth
GB
RL=10kΩ to 1.1V
-
0.8
-
MHz
Total Harmonic Distortion
THD
f=1kHz, VIN=1Vpp, AV=0dB
-
0.05
-
%
Equivalent Input Noise Voltage
VNI
f=1kHz
-
40
-
nV/√Hz
●TRANSIENT CHARACTERISTICS
(VDD=2.2V, 1.54V ≤ VSD ≤ 2.2V, Ta=25˚C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Slew Rate
SR
RL=10kΩ to 1.1V
-
0.6
-
V/µs
[CAUTION]
The specifications on this data book are only given for information,
without any guarantee as regards either mistakes or omissions. The
application circuits in this data book are described only to show
representative usages of the product and not intended for the
guarantee or permission of any right including the industrial rights.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com