Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1176 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW1176
Description  AUDIO PROCESSOR with Subwoofer Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1176 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW1176 Datasheet HTML 3Page - New Japan Radio NJW1176 Datasheet HTML 4Page - New Japan Radio NJW1176 Datasheet HTML 5Page - New Japan Radio NJW1176 Datasheet HTML 6Page - New Japan Radio NJW1176 Datasheet HTML 7Page - New Japan Radio NJW1176 Datasheet HTML 8Page - New Japan Radio NJW1176 Datasheet HTML 9Page - New Japan Radio NJW1176 Datasheet HTML 10Page - New Japan Radio NJW1176 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
NJW1176
-7 -
TERMINAL DESCRIPTION
No.
SDIP
SDMP
SSOP
SYMBOL
FUNCTION
EQUIVALENT CIRCUIT
VOLTAGE
1
30
1
32
INa
INb
Ach input terminal
Bch input terminal
V+/2
22
8
23
24
8
25
OUTw
OUTa
OUTb
Subwoofer output
terminal
Ach output terminal
Bch output terminal
V+/2
10
10
SUR-FIL
Surround filter terminal
V+/2
6
25
6
27
TONE-Ha
TONE-Hb
Treble(tone control) filter
terminal
V+/2
7
24
7
26
TONE-La
TONE-Lb
Bass(tone control) filter
terminal
V+/2
80k
20k
Vref
1,30 pin
V+
8, 22, 23pin
FB
100
FB
18k
6, 25pin
12k
7, 24pin
FB
12k
FB
2k (eala)
6k (sim)
10pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com