Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9473J Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9473J
Description  CAR ALTERNATOR VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9473J Datasheet(HTML) 3 Page - STMicroelectronics

  L9473J Datasheet HTML 1Page - STMicroelectronics L9473J Datasheet HTML 2Page - STMicroelectronics L9473J Datasheet HTML 3Page - STMicroelectronics L9473J Datasheet HTML 4Page - STMicroelectronics L9473J Datasheet HTML 5Page - STMicroelectronics L9473J Datasheet HTML 6Page - STMicroelectronics L9473J Datasheet HTML 7Page - STMicroelectronics L9473J Datasheet HTML 8Page - STMicroelectronics L9473J Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
L9473
Notes: 1. The Field Drive capability shall not decrease as a function of temperature between 25°C and 150°C, at a rate faster than -0.024A/
°C (for example, Field Drive shall be capable of
≥7.2A at 100°C).
Table 5. ELECTRICAL CHARACTERISTCS
(Tcase = -35°C to +150°C continuous unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VOS
Operating Supply Voltage
Tcase = +25
°C to =150°C8
Vov
V
VOS
Operating Supply Voltage
Tcase = -40
°C to +25°C10
Vov
V
ISB
Stand-By Current
VGO = 12.6V; Tcase = 25
°C; 10kΩ
VGO to TS; F+, G & Tab (Slug)
Grounded; L, DF, & P
unconnected; Regulator NOT
Activated.
300
µA
VSP
Regulator Set-Point
10k
Ω between VGO and TS
Curve shown in Fig. 2
VSP
Regulator Set-Point
NTC thermistor with R25°C =
10k
Ω; Tj = 90°C
Curves shown in Fig. 3
(with MURATA NTC NTH4G39A1)
VNB
Generator Output, No Battery
No battery, IOUT = 2A to 50%
Max. Load
VSP - 2
VSP +
2
V
TC
Thermal Compensation
Voltage @ VGO
Curves shown in Figs.4, 5
VLR
Load Regulation
6500 grpm, 10% to 95% load
300
mV
VSR
Speed Regulation
15A load, 2000 to 20,000 grpm
100
mV
VF-ON
Output Saturation Voltage
IF = 6A, VGO = 14.0V, Tcase =
25
°C
750
mV
VF-ON
Output Saturation Voltage
IF = 5A, VGO = 13.5V, Tcase =
125
°C
850
mV
IF-LIM
Field Limit Current1
Current F+ Terminal to Gnd.
@ Tcase
≤ 25°C
9.0
A
IF-LIM
Field Limit Current1
Current F+ Terminal to Gnd.
@ Tcase = +150
°C
6.0
A
IG-MIN
Min. Generator Current Load
Current measured @ generator
output
0.5
A
VD-F
Field Discharge Diode
IF = 6A, Tcase = 25
°C1.85
V
ID-R
Diode Reverse Current
VR = 20V
1
mA
FOSC
Oscillation Frequency
During LRC operation
340
400
460
Hz
VDF
DF Saturation Voltage
IDF
≤ 10mA
0.8
V
IDF-LK
DF Output Leakage Current
VDF < 25V
10
µA
FTURBO
Internal Clock Frequency
VDF = 32 - 35V; thru 2.2k
Ω
4X
Hz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com