Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT138PC Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74ACT138PC
Description  1-of-8 Decoder/Demultiplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT138PC Datasheet(HTML) 2 Page - ON Semiconductor

  74ACT138PC Datasheet HTML 1Page - ON Semiconductor 74ACT138PC Datasheet HTML 2Page - ON Semiconductor 74ACT138PC Datasheet HTML 3Page - ON Semiconductor 74ACT138PC Datasheet HTML 4Page - ON Semiconductor 74ACT138PC Datasheet HTML 5Page - ON Semiconductor 74ACT138PC Datasheet HTML 6Page - ON Semiconductor 74ACT138PC Datasheet HTML 7Page - ON Semiconductor 74ACT138PC Datasheet HTML 8Page - ON Semiconductor 74ACT138PC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
© 2003 Fairchild Semiconductor Corporation
DS009925
www.fairchildsemi.com
November 1988
Revised July 2003
74AC138 • 74ACT138
1-of-8 Decoder/Demultiplexer
General Description
The AC/ACT138 is a high-speed 1-of-8 decoder/demulti-
plexer. This device is ideally suited for high-speed bipolar
memory chip select address decoding. The multiple input
enables allow parallel expansion to a 1-of-24 decoder
using just three AC/ACT138 devices or a 1-of-32 decoder
using four AC/ACT138 devices and one inverter.
Features
■ ICC reduced by 50%
■ Demultiplexing capability
■ Multiple input enable for easy expansion
■ Active LOW mutually exclusive outputs
■ Outputs source/sink 24 mA
■ ACT138 has TTL-compatible inputs
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Connection Diagram
Pin Descriptions
Logic Symbols
IEEE/IEC
FACT
™ is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74AC138SC
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74AC138SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74AC138MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74AC138PC
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
74ACT138SC
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74ACT138SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACT138PC
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Pin Names
Description
A0–A2
Address Inputs
E1–E2
Enable Inputs
E3
Enable Input
O0–O7
Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com