Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z02-70PC6TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # M48Z02-70PC6TR
Description  5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z02-70PC6TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M48Z02-70PC6TR Datasheet HTML 7Page - STMicroelectronics M48Z02-70PC6TR Datasheet HTML 8Page - STMicroelectronics M48Z02-70PC6TR Datasheet HTML 9Page - STMicroelectronics M48Z02-70PC6TR Datasheet HTML 10Page - STMicroelectronics M48Z02-70PC6TR Datasheet HTML 11Page - STMicroelectronics M48Z02-70PC6TR Datasheet HTML 12Page - STMicroelectronics M48Z02-70PC6TR Datasheet HTML 13Page - STMicroelectronics M48Z02-70PC6TR Datasheet HTML 14Page - STMicroelectronics M48Z02-70PC6TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11/16
M48Z02, M48Z12
Table 9. Power Down/Up AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C or –40 to 85°C; VCC = 4.75 to 5.5V or 4.5 to 5.5V (except where noted).
2. VPFD (max) to VPFD (min) fall time of less than tF may result in deselection/write protection not occurring until 200µs after VCC pass-
es VPFD (min).
3. VPFD (min) to VSS fall time of less than tFB may cause corruption of RAM data.
Table 10. Power Down/Up Trip Points DC Characteristics
Note: 1. All voltages referenced to VSS.
2. Valid for Ambient Operating Temperature: TA = 0 to 70°C or –40 to 85°C; VCC = 4.75 to 5.5V or 4.5 to 5.5V (except where noted).
3. At 25°C, VCC = 0V.
Figure 11. Crystal Accuracy Across Temperature
Symbol
Parameter(1)
Min
Max
Unit
tPD
E or W at VIH before Power Down
0µs
tF
(2)
VPFD (max) to VPFD (min) VCC Fall Time
300
µs
tFB
(3)
VPFD (min) to VSS VCC Fall Time
10
µs
tR
VPFD (min) to VPFD (max) VCC Rise Time
0µs
tRB
VSS to VPFD (min) VCC Rise Time
1µs
tREC
E or W at VIH after Power Up
2ms
Symbol
Parameter(1,2)
Min
Typ
Max
Unit
VPFD
Power-fail Deselect Voltage
M48Z02
4.5
4.6
4.75
V
M48Z12
4.2
4.3
4.5
V
VSO
Battery Back-up Switchover Voltage
3.0
V
tDR
(3)
Expected Data Retention Time
10
YEARS
AI02124
-80
-60
-100
-40
-20
0
20
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
∆F
= -0.038
(T - T
0)
2
± 10%
F
ppm
C
2
T
0 = 25 °C
ppm
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com