Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20120CR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS20120CR
Description  POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20120CR Datasheet(HTML) 2 Page - STMicroelectronics

  STPS20120CR Datasheet HTML 1Page - STMicroelectronics STPS20120CR Datasheet HTML 2Page - STMicroelectronics STPS20120CR Datasheet HTML 3Page - STMicroelectronics STPS20120CR Datasheet HTML 4Page - STMicroelectronics STPS20120CR Datasheet HTML 5Page - STMicroelectronics STPS20120CR Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STPS20120C
2/6
Table 4: Thermal Parameters
Table 5: Static Electrical Characteristics (per diode)
Pulse test:
* tp = 5 ms,
δ < 2%
** tp = 380 µs,
δ < 2%
To evaluate the conduction losses use the following equation: P = 0.62 x IF(AV) + 0.012 IF
2
(RMS)
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
Per diode
Total
3
1.8
°C/W
Rth(c)
Coupling
Total
0.6
°C/W
When the diodes 1 and 2 are used simultaneously:
Tj(diode 1) = P(diode 1) x Rth(j-c)(per diode) + P(diode 2) x Rth(c)
Symbol
Parameter
Tests conditions
Min.
Typ
Max.
Unit
IR *
Reverse leakage current
Tj = 25°C
VR = VRRM
10
µA
Tj = 125°C
1.5
5
mA
VF **
Forward voltage drop
Tj = 25°C
IF = 2.5A
0.7
V
Tj = 125°C
0.54
0.58
Tj = 25°C
IF = 10A
0.92
Tj = 125°C
0.7
0.74
Tj = 25°C
IF = 20A
1.02
Tj = 125°C
0.81
0.86
Figure 1: Average forward power dissipation
versus average forward current (per diode)
Figure 2: Average forward current versus
ambient temperature (
δ = 0.5, per diode)
0
1
2
3
4
5
6
7
8
9
10
012
34
56
789
10
11
12
13
P
(W)
F(AV)
T
δ=tp/T
tp
I
(A)
F(AV)
δ = 1
δ = 0.1
δ = 0.05
δ = 0.5
δ = 0.2
0
1
2
3
4
5
6
7
8
9
10
11
0
25
50
75
100
125
150
175
I
(A)
F(AV)
T
δ=tp/T
tp
T
(°C)
amb
R
=15°C/W
th(j-a)
R=R
th(j-a)
th(j-c)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com