Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-220FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # TO-220FP
Description  TRANSISTOR OUTLINE PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TO-220FP Datasheet(HTML) 1 Page - STMicroelectronics

  TO-220FP Datasheet HTML 1Page - STMicroelectronics TO-220FP Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
REF.
mm
inch
MIN.
TYP. MAX. MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.70
0.017
0.027
F
0.75
1
0.030
0.039
F1
1.15
1.50
0.045
0.059
F2
1.15
1.50
0.045
0.059
G
4.95
5.2
0.194
0.204
G1
2.4
2.7
0.094
0.106
H
10.0
10.40
0.393
0.409
L2
16
0.630
L3
28.6
30.6
1.126
1.204
L4
9.8
10.6
0.385
0.417
L6
15.9
16.4
0.626
0.645
L7
9
9.3
0.354
0.366
DIA.
3
3.2
0.118
0.126
November 2002
1/2
PACKAGE AND
PACKING INFORMATION
TO-220FP
Weight: 2.04g
TRANSISTOR
OUTLINE PACKAGE
L2
L6
¯
L3
12 3
L7
L4


Similar Part No. - TO-220FP

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
TO-220FP HSMC-TO-220FP Datasheet
71Kb / 6P
N-Channel Power Field Effect Transistor
logo
Central Semiconductor C...
TO-220FP CENTRAL-TO-220FP Datasheet
519Kb / 2P
8&16 Amp Schottky Rectifiers
logo
Continental Device Indi...
TO-220FP CDIL-TO-220FP Datasheet
233Kb / 5P
Thru-hole Fully Isolated Plastic Package
TO-220FP CDIL-TO-220FP Datasheet
92Kb / 3P
NPN EPITAXIAL PLANAR SILICON DARLINGTON TRANSISTOR
logo
Amkor Technology
TO-220FP AMKOR-TO-220FP Datasheet
821Kb / 2P
TO-220FP is a full pack version of TO-220
01/20
More results

Similar Description - TO-220FP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TO263 ETC-TO263 Datasheet
90Kb / 2P
Package Outline Drawing Transistor Outline
logo
Maxim Integrated Produc...
21-0144B MAXIM-21-0144B Datasheet
135Kb / 2P
PACKAGE OUTLINE
Rev B
logo
List of Unclassifed Man...
SC70-8 ETC2-SC70-8 Datasheet
49Kb / 1P
SMALL OUTLINE TRANSISTOR PACKAGE
logo
Global Mixed-mode Techn...
DFN2X2-10 GMT-DFN2X2-10 Datasheet
195Kb / 1P
Package Outline
HTSSOP-14 GMT-HTSSOP-14 Datasheet
126Kb / 1P
Package Outline
MSOP-10 GMT-MSOP-10 Datasheet
180Kb / 1P
Package Outline
QFN5X5-20 GMT-QFN5X5-20 Datasheet
127Kb / 1P
Package Outline
QFN5X5-40 GMT-QFN5X5-40 Datasheet
128Kb / 1P
Package Outline
QFN6X6-40 GMT-QFN6X6-40 Datasheet
140Kb / 1P
Package Outline
SOP-8-EP GMT-SOP-8-EP Datasheet
187Kb / 1P
Package Outline
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com